Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1063ASU Datasheet(PDF) 19 Page - Analog Devices

Part # ADM1063ASU
Description  Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1063ASU Datasheet(HTML) 19 Page - Analog Devices

Back Button ADM1063ASU Datasheet HTML 15Page - Analog Devices ADM1063ASU Datasheet HTML 16Page - Analog Devices ADM1063ASU Datasheet HTML 17Page - Analog Devices ADM1063ASU Datasheet HTML 18Page - Analog Devices ADM1063ASU Datasheet HTML 19Page - Analog Devices ADM1063ASU Datasheet HTML 20Page - Analog Devices ADM1063ASU Datasheet HTML 21Page - Analog Devices ADM1063ASU Datasheet HTML 22Page - Analog Devices ADM1063ASU Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
ADM1063
Rev. 0 | Page 19 of 36
SEQUENCE DETECTOR
The sequence detector block is used to detect when a step in a
sequence has been completed. It looks for one of the inputs to
the SE to change state and is most often used as the gate for
successful progress through a power-up or power-down sequence.
A timer block is included in this detector, which can insert delays
into a power-up or power-down sequence if required. Timer
delays can be set from 10 µs to 400 ms. Figure 28 is a block
diagram of the sequence detector.
SUPPLY FAULT
DETECTION
LOGIC INPUT CHANGE
OR FAULT DETECTION
WARNINGS
FORCE FLOW
(UNCONDITIONAL JUMP)
VP1
VX5
INVERT
SEQUENCE
DETECTOR
SELECT
TIMER
Figure 28. Sequence Detector Block Diagram
The sequence detector can also help to identify monitoring
faults. In the sample application shown in Figure 27, the FSEL1
and FSEL2 states identify which of the VP1,VP2, or VP3 pins
has faulted, and then they take the appropriate action.
MONITORING FAULT DETECTOR
The monitoring fault detector block is used to detect a failure
on an input. The logical function implementing this is a wide
OR gate, which can detect when an input deviates from its
expected condition. The clearest demonstration of the use of
this block is in the POWER_GOOD state, where the monitor
block indicates that a failure on one or more of the VP1, VP2,
or VP3 inputs has occurred.
No programmable delay is available in this block, because the
triggering of a fault condition is likely to be caused when a supply
falls out of tolerance. In this situation, the user should react as
quickly as possible. Some latency occurs when moving out of
this state, because it takes a finite amount of time (~20 µs) for the
state configuration to download from EEPROM into the SE.
Figure 29 is a block diagram of the monitoring fault detector.
SUPPLY FAULT
DETECTION
LOGIC INPUT CHANGE
OR FAULT DETECTION
VP1
VX5
MONITORING FAULT
DETECTOR
MASK
SENSE
1-BIT FAULT
DETECTOR
FAULT
WARNINGS
MASK
1-BIT FAULT
DETECTOR
FAULT
MASK
SENSE
1-BIT FAULT
DETECTOR
FAULT
Figure 29. Monitoring Fault Detector Block Diagram
TIMEOUT DETECTOR
The timeout detector allows the user to trap a failure and,
thus ensuring proper progress through a power-up or power-
down sequence.
In the sample application shown in Figure 27, the timeout next-
state transition is from the EN3V3 and EN2V5 states. For the
EN3V3 state, the signal 3V3ON is asserted on the PDO1 output
pin upon entry to this state to turn on a 3.3 V supply. This supply
rail is connected to the VP2 pin, and the sequence detector looks
for the VP2 pin to go above its UV threshold, which is set in the
supply fault detector (SFD) attached to that pin.
The power-up sequence progresses when this change is detected.
If, however, the supply fails (perhaps due to a short circuit over-
loading this supply), the timeout block traps the problem. In this
example, if the 3.3 V supply fails within 10 ms, the SE moves to
the DIS3V3 state and turns off this supply by bringing PDO1
low. It also indicates that a fault has occurred by taking PDO3
high. Timeout delays of 100 µs to 400 ms can be programmed.
FAULT REPORTING
The ADM1063 has a fault latch for recording faults. Two registers
are set aside for this purpose. A single bit is assigned to each
input of the device, and a fault on that input sets the relevant
bit. The contents of the fault register can be read out over the
SMBus to determine which input(s) faulted. The fault register
can be enabled/disabled in each state. This ensures that only
real faults are captured and not, for example, undervoltage
trips when the SE is executing a power-down sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com