Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMB02070X4703JB200 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # CMB02070X4703JB200
Description  High Pulse Load MELF Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CMB02070X4703JB200 Datasheet(HTML) 5 Page - Vishay Siliconix

  CMB02070X4703JB200 Datasheet HTML 1Page - Vishay Siliconix CMB02070X4703JB200 Datasheet HTML 2Page - Vishay Siliconix CMB02070X4703JB200 Datasheet HTML 3Page - Vishay Siliconix CMB02070X4703JB200 Datasheet HTML 4Page - Vishay Siliconix CMB02070X4703JB200 Datasheet HTML 5Page - Vishay Siliconix CMB02070X4703JB200 Datasheet HTML 6Page - Vishay Siliconix CMB02070X4703JB200 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CMB 0207
High Pulse Load MELF Resistor
Vishay Beyschlag
Document Number: 28755
For technical questions, contact: ff3bresistors@vishay.com
www.vishay.com
Revision: 31-Oct-06
83
FUNCTIONAL PERFORMANCE
C
100
150
- 50
0
50
70
Derating
Ambient Temperature
amb
ϑ
0
0.5
1
W
Power Operation Mode
Standard Operation Mode
1)
1) Specified power rating requires dedicated heat sink pads
1.2/50 Pulse
Resistance Value R
1
10
100
1K
10K
100K
1M
Ω
10
100
1K
10K
V
CMB 0207
Pulse load rating in accordance with IEC 60115-1, 4.27; 1.2 µs/50 µs;
5 pulses at 12 s intervals; for permissible resistance change 0.5 %
10/700 Pulse
Resistance Value R
1
10
100
1K
10K
100K
1M
Ω
10
100
1K
10K
V
CMB 0207
Pulse load rating in accordance with IEC 60115-1, 4.27; 10 µs/700 µs;
10 pulses at 1 minute intervals; for permissible resistance change 0.5 %



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com