Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMB02070X4703JB200 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CMB02070X4703JB200
Description  High Pulse Load MELF Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CMB02070X4703JB200 Datasheet(HTML) 1 Page - Vishay Siliconix

  CMB02070X4703JB200 Datasheet HTML 1Page - Vishay Siliconix CMB02070X4703JB200 Datasheet HTML 2Page - Vishay Siliconix CMB02070X4703JB200 Datasheet HTML 3Page - Vishay Siliconix CMB02070X4703JB200 Datasheet HTML 4Page - Vishay Siliconix CMB02070X4703JB200 Datasheet HTML 5Page - Vishay Siliconix CMB02070X4703JB200 Datasheet HTML 6Page - Vishay Siliconix CMB02070X4703JB200 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CMB 0207
Vishay Beyschlag
Document Number: 28755
For technical questions, contact: ff3bresistors@vishay.com
www.vishay.com
Revision: 31-Oct-06
79
High Pulse Load MELF Resistor
CMB 0207 speciality MELF resistors with advanced pulse
load capability are the perfect choice for the protection of
circuitry with signal and mains input lines from surge pulses.
The resistors are also suitable for circuits exposed to high
levels of electromagnetic interference or electro-static
discharge. The applications are in all fields of automotive,
telecommunication, industrial and medical equipment.
FEATURES
• Approved to the safety requirements of
IEC 60065, 14.1.a* (= VDE 0860, 14.1.a)
VDE-REG.-Nr. B583
• Special carbon film technology
• Up to 10 kV or 17 kW single pulse capability
• Up to tbf. continuous pulse load capability
• ESD capability: 16 kV, Human Body Model
• Compatible with lead (Pb)-free and lead containing
soldering processes
• Lead (Pb)-free and RoHS compliant
APPLICATIONS
• Automotive
• Telecommunication
• Industrial
• Medical equipment
Notes
• These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift increasing over
operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a functional lifetime.
1. The power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heatflow support of the
printed-circuit board (thermal resistance). The rated dissipation applies only if the permitted film temperature is not exceeded. Furthermore, a
high level of ambient temperature or of power dissipation may raise the temperature of the solder joint, hence special solder alloys or board
materials may be required to maintain the reliability of the assembly.
2. Specified power rating requires dedicated heat-sink pads.
3. Film temperatures above the specified range may be permissible, e.g. 175 °C. Please contact the factory for details.
REG.-Nr. B583
METRIC SIZE
DIN:
0207
CECC:
RC 6123M
TECHNICAL SPECIFICATIONS
DESCRIPTION
CMB 0207
CECC size
RC 6123M
Resistance range
2.2
Ω to 1.5 MΩ
Resistance tolerance
± 5 %; ± 2 %
Temperature coefficient
see TCR graph
Operation mode
standard
power
Climatic category (LCT/UCT/days)
55/125/56
55/155/56
Rated dissipation, P701)
0.4 W
1.0 W
Operating voltage, Umax AC/DC
500 V
Film temperature3)
125
°C
155
°C
Max. resistance change at P70 for resistance range,
2.2
Ω to 10 kΩ
|
ΔR/R| after:
1000 h
≤ 0.5 %
≤ 1 %
8000 h
≤ 1 %
≤ 2 %
225 000 h
t.b.f
-
Permissible voltage against ambient (insulation):
1 minute; Uins
750 V
continuous
75 V
Failure rate
≤ 1 × 10-9/h


Similar Part No. - CMB02070X4703JB200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CMB02070X4701FB200 VISHAY-CMB02070X4701FB200 Datasheet
188Kb / 11P
High Pulse Load Carbon Film MELF Resistors
11-Feb-16
CMB02070X4701FB700 VISHAY-CMB02070X4701FB700 Datasheet
188Kb / 11P
High Pulse Load Carbon Film MELF Resistors
11-Feb-16
CMB02070X4701GB200 VISHAY-CMB02070X4701GB200 Datasheet
114Kb / 6P
High Pulse Load MELF Resistor
31-Oct-06
CMB02070X4701GB200 VISHAY-CMB02070X4701GB200 Datasheet
188Kb / 11P
High Pulse Load Carbon Film MELF Resistors
11-Feb-16
CMB02070X4701GB700 VISHAY-CMB02070X4701GB700 Datasheet
114Kb / 6P
High Pulse Load MELF Resistor
31-Oct-06
More results

Similar Description - CMB02070X4703JB200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CMA0204 VISHAY-CMA0204 Datasheet
106Kb / 8P
High Pulse Load MELF Resistor
27-Feb-04
logo
KOA Speer Electronics, ...
CPCN2N KOA-CPCN2N Datasheet
88Kb / 2P
fixed ceramic melf resistor
logo
Vishay Siliconix
CMA0204 VISHAY-CMA0204_10 Datasheet
161Kb / 10P
High Pulse Load MELF Resistors
01-Mar-10
CMA0204HF VISHAY-CMA0204HF Datasheet
119Kb / 7P
Pulse Load Carbon Film MELF Resistors for High Frequency Applications
01-Dec-09
CMB02070X2700GB200 VISHAY-CMB02070X2700GB200 Datasheet
145Kb / 7P
High Pulse Load, High Voltage (up to 0.5 kV) Carbon Film MELF Resistors
16-May-13
CMB02070X1002GB200 VISHAY-CMB02070X1002GB200 Datasheet
114Kb / 6P
High Pulse Load MELF Resistor
31-Oct-06
CMA02040X5609GB300 VISHAY-CMA02040X5609GB300 Datasheet
140Kb / 10P
High Pulse Load MELF Resistor
18-Jul-06
logo
UNIOHM CORPORATION
MM-16 UNIOHM-MM-16 Datasheet
895Kb / 3P
Metal Film MELF Resistor
logo
Token Electronics Indus...
RGM TOKEN-RGM Datasheet
425Kb / 5P
Anti-Surge Pulse Load Melf Resistors
logo
Vishay Siliconix
CMA0204 VISHAY-CMA0204_V01 Datasheet
171Kb / 11P
High Pulse Load Carbon Film MINI-MELF Resistors CMA 0204 carbon film MELF resistors with advanced pulse
27-Mar-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com