Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESM-APLM Datasheet(PDF) 1 Page - BCM Advanced Research.

Part # ESM-APLM
Description  Intel® Celeron®/ Pentium® SoC Processor COM Express Mini Size Type 10 Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.

ESM-APLM Datasheet(HTML) 1 Page - BCM Advanced Research.

  ESM-APLM Datasheet HTML 1Page - BCM Advanced Research.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
Specifications
BCM Advanced Research
www.bcmcom.com
11 Chrysler, Irvine, CA 92618 USA
An industry leader in industrial motherboards &
embedded computing
BCMSales@bcmcom.com
(949) 470-1888
* All product specifications and images are subject to change without notice. Last update:
Ordering Info
ESM-APLM-N4200-A1R
Intel® Pentium® N4200 SoC Processor Type10
COMe Mini Module, Onboard 4GB DDR3L
ESM-APLM-N3350-A1R
Intel® Celeron® N3350 SoC Processor Type10
COMe Mini Module, Onboard 4GB DDR3L
EEV-EX15-B1R
Mini-ITX Carrier Board for COMe Type 10 A1
ACC-ESMAPLM-SK-1R
Heatsink for ESM-APLM without Fan H=26 mm
ACC-ESMAPLM-SK-2R
Heatsink for ESM-APLM without Fan H=26 mm with
pad for eMMC
ACC-ESMAPLM-SD-1R
Heatspreader for ESM-APLM without Fan H=13 mm
ACC-ESMAPLM-SD-2R
Heatspreader for ESM-APLM without Fan H=13 mm
with pad for eMMC
2021/07/21
Mechanical & Environment
Power
Requirement
Standard Input
ATX: 4.75V~20V, 5Vsb ±5%;
AT: 4.75V~20V
Power Type
ATX/AT
Operating Temp
Standard: 0°C to 60°C (32°F ~ 140°F)
Storage Temp
-40°C ~ 75°C (-40°F ~ 167°F)
Operating
Humidity
40°C @ 95% Relative Humidity, Non-condensing
Form Factor
COM Express Modules
Dimensions
84 x 55 mm (3.31” x 2.17”)
Certification Info
CE, FCC Class B
System
CPU
Intel® Pentium® N4200 2.50 GHz (Burst) | 1.1 GHz Clock Quad
Core L2 cache 2MB 6W TDP
Intel® Celeron® N3350 2.40 GHz (Burst) | 1.1 GHz Clock Dual
Core L2 cache 1MB 6W TDP
Please note: CPU coolers are not included. Please see Ordering
Info tab for more details.
System Chipset
Integrated in SoC
System Memory
Onboard 4GB DDR3L
Optional 8GB DDR3L
SSD
Optional eMMC 5.1 up to 128GB
Audio
Intel® HD Audio integrated in SoC
Ethernet
Intel® Ethernet Controller I211-AT
10/100/1000 GbE Connection
BIOS
AMI UEFI BIOS, 128Mbit SPI Flash ROMM
I/O Chip
IT8528
Expansion
1 PCIe x4 (Supports x1, x2, x4, optional 1 PCIe x4 while remov-
ing Ethernet) compliant to PCIe Gen2 5.0 GT/s
OS Support
Microsoft® Windows 10
Linux (Kernel 4.6 above)
Display
Chipset
Intel® Atom™ SoC Integrated
LVDS
Single channel 18/24-bit LVDS from eDP-to-LVDS IC CH7511B
LVDS: up to 1920 x 1080 @ 60 Hz
Digital Display
Interface
DDI0 supports DisplayPort/HDMI/DVI-D
DisplayPort 1.2 up to 4096×2160@60Hz
HDMI 1.4b: up to 3840 x 2160 @ 30 Hz
eDP
Optional eDP 1.3: up to 3840 x 2160 @ 60Hz
External I/O
USB
2 x USB 3. 1 (Gen1) and 8 x USB 2.0
SATA
2 x SATA III (6 Gb/s)
MIO
1 x SMBus, 1 x LPC
GPIO
1 x 8-bit GPIO
• COMExpress™3.0MiniType10modulewithIntel®
Celeron® N3350 / Pentium® N4200 SoC BGA Processor
• Onboard4GBDDR3Lmemory,optional8GB
• OptionaleMMCforstorage
• Intel®Gen9LowPowergraphics,upto4Kresolutionand
H.265 codec
• 1xPCIex4(Supportsx1,x2,x4,optional1xPCIex4when
Ethernet is removed) compliant to PCIe Gen2 5.0 GT/s
• 2xSATAIII6Gb/s,2xUSB3.1(Gen1)and8xUSB2.0
Intel® Celeron®/ Pentium® SoC Processor COM
Express Mini Size Type 10 Module
OEM Only Product
ESM-APLM


Similar Part No. - ESM-APLM

ManufacturerPart #DatasheetDescription
logo
BCM Advanced Research.
ESM-APLC BCM-ESM-APLC Datasheet
320Kb / 1P
Intel® Celeron® N3350 / Pentium® N4200 / Atom™ E Series SoC Processor Type6 COMe Compact
2021/02/12
ESM-APLC-J3455 BCM-ESM-APLC-J3455 Datasheet
320Kb / 1P
Intel® Celeron® N3350 / Pentium® N4200 / Atom™ E Series SoC Processor Type6 COMe Compact
2021/02/12
ESM-APLC-N4200 BCM-ESM-APLC-N4200 Datasheet
320Kb / 1P
Intel® Celeron® N3350 / Pentium® N4200 / Atom™ E Series SoC Processor Type6 COMe Compact
2021/02/12
More results

Similar Description - ESM-APLM

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
GENE-APL6 AAEON-GENE-APL6 Datasheet
606Kb / 2P
3.5” SubCompact Board with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
2022/12/30
GENE-APL7 AAEON-GENE-APL7 Datasheet
527Kb / 2P
3.5” SubCompact Board with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
2022/12/27
NANOCOM-APL-B10 AAEON-NANOCOM-APL-B10 Datasheet
604Kb / 2P
COM Express Type 10 CPU Module with Onboard Intel® Atom™/Celeron®/Pentium®Processor
2022/12/02
NANOCOM-APL AAEON-NANOCOM-APL Datasheet
585Kb / 2P
COM Express Type 10 CPU Module with Onboard Intel® Atom™/Celeron®/Pentium®Processor
2022/12/02
NANOCOM-EHL AAEON-NANOCOM-EHL Datasheet
587Kb / 2P
COM Express Type 10 CPU Module with Onboard Intel Atom®/Celeron®/Pentium®Processor
2023/03/22
PICO-APL4-SEMI AAEON-PICO-APL4-SEMI Datasheet
483Kb / 2P
PICO-SEMI TurnKit with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
2022/10/04
logo
BCM Advanced Research.
ECM-APL BCM-ECM-APL Datasheet
594Kb / 2P
Intel® Pentium®/Celeron®/Atom® SoC Processor 3.5” Micro Module SBC
2021/02/23
EQM-APL BCM-EQM-APL Datasheet
639Kb / 1P
Intel® Pentium®/Celeron® Apollo Lake SoC processor Qseven Module
05/12/2022
logo
AAEON Technology
UPS-EDGE-EHLCN2-A10-0232 AAEON-UPS-EDGE-EHLCN2-A10-0232 Datasheet
580Kb / 2P
UP Squared V2 System with Intel® Pentium® Celeron® Processor SoC
2023/04/25
UPS-EHLCN2-A10-0232 AAEON-UPS-EHLCN2-A10-0232 Datasheet
801Kb / 2P
UP Squared V2 Developer Board with Intel® Pentium® Celeron® Processor SoC
2023/04/25
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com