Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5363 Datasheet(PDF) 8 Page - STMicroelectronics

Part # VT5363
Description  Single-chip USB/PS2 optical mouse
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5363 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VT5363 Datasheet HTML 4Page - STMicroelectronics VT5363 Datasheet HTML 5Page - STMicroelectronics VT5363 Datasheet HTML 6Page - STMicroelectronics VT5363 Datasheet HTML 7Page - STMicroelectronics VT5363 Datasheet HTML 8Page - STMicroelectronics VT5363 Datasheet HTML 9Page - STMicroelectronics VT5363 Datasheet HTML 10Page - STMicroelectronics VT5363 Datasheet HTML 11Page - STMicroelectronics VT5363 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Design notes
VT5363
8/25
2.2
Pin description
Note:
All other pins are NOT CONNECTED
Table 1.
VT5363 pin description
Pin N°
Pin name
Type
Comment
1
VREG33
PWR
3.3 V regulator output
4
VDD5
PWR
5V supply - direct from USB or PS2 supply
5
X0
OSC
6MHz resonator
7
XI
OSC
6MHz resonator
8
DVDD
PWR
1.8V digital supply
9
DGND
PWR
Digital ground
10
PULLUP
I/O
connect 1K5 resistor from here to DN/DAT
11
DN / DAT
I/O
DN in USB mode, DATA in PS2 mode
13
DP/ CLK
I/O
DP in USB mode, CLOCK in PS2 mode
14
VDD3
PWR
3.3V supply
15
DVREG18
PWR
1.8V digital regulator output - use to drive DVDD
16
AVREG18
PWR
1.8V analogue regulator output - use to drive AVDD
17
LNK_LED
O
Status LED output
18
TRK_LED
O
Navigation LED output
19
DVDD
PWR
1.8V digital supply
20
DGND
PWR
Digital ground
21
SDA
I/O
I2C SDA line
22
SCL
I/O
I2C SCL line
23
ZA
I/O
Z-wheel input A
24
ZB
I/O
Z-wheel input B
25
SWFOR
I/O
‘Forward’ switch input (active low)
26
SWBACK
I/O
‘Back’ switch input (active low)
27
SWMID
I/O
‘Middle’ switch input (active low)
28
SWLEFT
I/O
‘Left‘ switch input (active low)
29
SWRIGHT
I/O
‘Right’ switch input (active low)
30
RESERVED
I
Connect to GROUND
31
AVDD
PWR
1.8 V analogue supply
32
AGND
PWR
Analogue ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com