Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5363 Datasheet(PDF) 13 Page - STMicroelectronics

Part # VT5363
Description  Single-chip USB/PS2 optical mouse
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5363 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VT5363 Datasheet HTML 9Page - STMicroelectronics VT5363 Datasheet HTML 10Page - STMicroelectronics VT5363 Datasheet HTML 11Page - STMicroelectronics VT5363 Datasheet HTML 12Page - STMicroelectronics VT5363 Datasheet HTML 13Page - STMicroelectronics VT5363 Datasheet HTML 14Page - STMicroelectronics VT5363 Datasheet HTML 15Page - STMicroelectronics VT5363 Datasheet HTML 16Page - STMicroelectronics VT5363 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
VT5363
Configuring the VT5363
13/25
3
Configuring the VT5363
3.1
Selecting USB or PS2 operation
The selection of USB or PS2 interface is performed [automatically] by the VT5363 including
a USB pull-up resistor connected between Pin No. 10 and the DN/DAT line.
3.2
Selecting mouse configuration
The VT5363 may be configured to be one of three different types of mouse.
2 button mouse
3 button mouse with scroll wheel
5 button mouse with scroll wheel
The configuration is achieved by connecting the unused switch inputs to the LNK_LED
output (pin 17). All configurations will report a USB Vendor Identity (VID) of 0x0553 (ST
Microelectronics Imaging Division). The three different configurations will result in 3 different
USB Product Identities (PIDs) and descriptor strings as described in
Table 3.
A user who wishes to use their own PID, VID and descriptor string may use an external
serial EEPROM to hold this information.
3.3
Changing the CPI
The default CPI ‘Counts Per Inch’ of the VT5363 is 800CPI, this can easily be toggled
between 800/400CPI by the user, by simply holding down the left and right buttons till
LNK_LED goes off. If the PC is shutdown or the mouse unplugged it will return to the default
(800 CPI).
3.4
External EEPROM
The VT5363 supports the use of an external 128 byte serial EEPROM for holding customer
specific information. EEPROM such as the M24C01W from STMicroelectronics are suitable.
The EEPROM must be connected to the SDA and SCL pins of the VT5363. If no EEPROM
is used then these lines should be tied to ground.The EEPROM cannot be programmed by
the VT5363 itself and must be pre-programmed before being fitted to the final PCB.
Table 3.
Configuration selection
Mode
Inputs tied to
LNK_LED
VID
PID
USB descriptor string
2 button
SWBACK,
SWFOR, SWMID
0x0553
0x0A00
‘2 button optical mouse’
3 button + Z
SWBACK, SWFOR
0x0553
0x0A01
‘3 button optical mouse with scroll
wheel’
5 button + Z
none
0x0553
0x0A02
‘5 button optical mouse with scroll
wheel’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com