Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5363V032 Datasheet(PDF) 11 Page - STMicroelectronics

Part # VT5363V032
Description  Single-chip USB/PS2 optical mouse
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5363V032 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VT5363V032 Datasheet HTML 7Page - STMicroelectronics VT5363V032 Datasheet HTML 8Page - STMicroelectronics VT5363V032 Datasheet HTML 9Page - STMicroelectronics VT5363V032 Datasheet HTML 10Page - STMicroelectronics VT5363V032 Datasheet HTML 11Page - STMicroelectronics VT5363V032 Datasheet HTML 12Page - STMicroelectronics VT5363V032 Datasheet HTML 13Page - STMicroelectronics VT5363V032 Datasheet HTML 14Page - STMicroelectronics VT5363V032 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
VT5363
Design notes
11/25
2.7
Driving the navigation LED
The VT5363 provides an output (NAV_LED) for driving the LED used to illuminate the
mousing surface. This output is active HIGH but cannot be used to drive the navigation LED
directly. An external NPN bipolar transistor is recommended as shown in the reference
schematic. The maximum current through the LED is controlled by a resistor (R1 on the
Reference Schematic).
2.8
LNK_LED output
The VT5363 has an output (LNK_LED) which is high whenever the mouse is active (i.e.
connected to a PC which is not in a suspend state).
The user does not need to use this output to produce a working mouse but it may be used to
drive an additional LED for cosmetic purposes. An external bipolar transistor is required in
the same way as the navigation LED.
2.9
Optical centre
The optical centre of the VT5363 is NOT in the centre of the package, it is offset by -
0.243mm in the X-axis and 0.215mm in the Y axis with respect to the centre of the package
as shown below. The PCB designer must take this into account when laying out the PCB.
Figure 4.
VT5363 optical centre
Optical centre (-0.243mm, +0.215mm)
mechanical centre
of package (0,0)
pin 1 marking
TOP VIEW OF VT5363



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com