Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5363V032 Datasheet(PDF) 23 Page - STMicroelectronics

Part # VT5363V032
Description  Single-chip USB/PS2 optical mouse
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5363V032 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button VT5363V032 Datasheet HTML 17Page - STMicroelectronics VT5363V032 Datasheet HTML 18Page - STMicroelectronics VT5363V032 Datasheet HTML 19Page - STMicroelectronics VT5363V032 Datasheet HTML 20Page - STMicroelectronics VT5363V032 Datasheet HTML 21Page - STMicroelectronics VT5363V032 Datasheet HTML 22Page - STMicroelectronics VT5363V032 Datasheet HTML 23Page - STMicroelectronics VT5363V032 Datasheet HTML 24Page - STMicroelectronics VT5363V032 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
VT5363
Package information
23/25
Note:
1
Surface finish W1 is 0.07 Ra.
2
Ejectors are on 5.2 mm square for both top and bottom package.
3
On top package, only the identification for pin one is not an engraved ejector.
8.2
LOQFP package guidelines
The IC can be exposed a maximum of 2 times to an IR/Convection reflow solder process
having a temperature profile peak of no higher than 240
° C.
The package/chip are lead free and is ROHS compliant.
Table 7.
LQFP dimensions (mm)
Reference
Min. (mm)
Typ. (mm)
Max. (mm)
A
1.600
A1
0.050
0.15
A2
1.350
1.400
1.450
B
0.300
0.370
0.450
c
0.090
0.200
D9.00
D1
7.000
D3
5.600
e0.800
E9.000
E1
7.000
E3
5.600
L
0.450
0.600
0.750
L1
1.000
k
0d3.5d7d
W1
5.000
W2
0.065



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com