Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE66PC Datasheet(PDF) 1 Page - fujitsu semiconductor

Part # CE66PC
Description  0.35um CMOS Technology
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CE66PC Datasheet(HTML) 1 Page - fujitsu semiconductor

  CE66PC Datasheet HTML 1Page - fujitsu semiconductor CE66PC Datasheet HTML 2Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CE66 Series Embedded Array
0.35µm CMOS Technology
Features
Description
Embedded
Hard
Macro
Fixed
Layout
Soft Macro
Fixed
Layout
Soft Macro
Clock Tree
Clk
5V I/O
5V I/O
5V I/O
5V I/O
5V I/O
3V I/O
3V I/O
3V I/O
PCML
3V I/O
3V I/O
5V I/O
5V I/O
5V I/O
5V I/O
5V I/O
• 0.28µm Leff (0.34µm drawn)
• Propagation delay of 98 ps
• Mixed-signal macros: A/D and D/A converters
• High-density diffused RAMs and ROMs
• Separate core and I/O supply voltages
• I/Os: 5V, 3.3V, 5V tolerant
• Core power supply voltage: 3.3V, 2.5V~2.0V
• Junction temperature: -40ºC~125ºC
• Special I/Os: PCI, I2C, USB
• Analog and digital PLLs
• Packaging options: QFP, HQFP, LQFP, TQFP, PBGA, FBGA
• Support for major third party EDA tools
Fujitsu’s CE66 is a series of high-performance, CMOS
embedded arrays featuring mixed-signal macros, diffused
high-speed RAMs, ROMs, and a variety of other embedded
functions. The CE66 series combines the density and
performance of standard cells with the time-to-market
advantage of gate arrays. In addition, the I/Os, operating
at 5V, 3.3V, and 5V tolerant conditions, are designed to
provide cost-effective solutions for both core-limited and
pad-limited designs. The CE66 series features a very low
power consumption of 0.29µW/gate/MHz at 3.3V. Potential
applications for the CE66 series include the consumer
market, communications, and networking designs.
P-Series with 100µm Inline Pad Pitch
Frame
Total Gates
Total Pads
Signals
CE66P1
188K
144
126
CE66P2
233K
160
138
CE66P3
283K
176
132
CE66P4
337K
192
152
CE66P5
396K
208
178
CE66P6
427K
216
178
CE66P7
460K
224
178
CE66P8
528K
240
206
CE66P9
602K
256
228
CE66PA
680K
272
228
CE66PB
761K
288
228
CE66PC
847K
304
264
CE66PD
940K
320
264
CE66PE
1037K
336
264
CE66PF
1138K
352
312
S-Series with 70µm Inline Pad Pitch
Frame
Total Gates
Total Pads
Signals
CE66S1
91K
144
126
CE66S2
113K
160
138
CE66S3
137K
176
152
CE66S4
164K
192
160
CE66S5
207K
216
178
CE66S6
256K
240
193
CE66S7
311K
264
228
CE66S8
391K
296
248
CE66S9
481K
328
248
CE66SA
580K
360
312


Similar Part No. - CE66PC

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
CE66.5100.151 SCHURTER-CE66.5100.151 Datasheet
563Kb / 5P
IEC Appliance Inlet C14 with Filter, Fuseholder 1-or 2-pole (5 x 20 mm or 6.3x32 mm, with or without voltage selector (series-parallel)
More results

Similar Description - CE66PC

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT75C272 MDTIC-MDT75C272 Datasheet
47Kb / 5P
OTP Encoder using CMOS technology.
MDT75C273 MDTIC-MDT75C273 Datasheet
47Kb / 5P
OTP Encoder using CMOS technology.
logo
fujitsu semiconductor
CS200 FUJITSU-CS200 Datasheet
603Kb / 2P
65nm CMOS Technology
CE71 FUJITSU-CE71 Datasheet
56Kb / 4P
0.25um CMOS Technology
logo
HB Electronic Component...
5XRGB-F2-F HB-5XRGB-F2-F Datasheet
159Kb / 3P
CMOS Technology
5XRGB-F2-S HB-5XRGB-F2-S Datasheet
160Kb / 3P
CMOS Technology
logo
IK Semicon Co., Ltd
IK2107DW IKSEMICON-IK2107DW Datasheet
297Kb / 17P
CMOS Technology
logo
Texas Instruments
TMS320C242 TI1-TMS320C242_09 Datasheet
902Kb / 74P
High-Performance Static CMOS Technology
logo
M/A-COM Technology Solu...
MADR-009190 MA-COM-MADR-009190 Datasheet
772Kb / 10P
High Voltage CMOS Technology
logo
Shenzhen Titan Micro El...
TM1628 TITAN-TM1628 Datasheet
418Kb / 14P
CMOS Technology
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com