Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9FG830AFILF Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 9FG830AFILF
Description  Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9FG830AFILF Datasheet(HTML) 4 Page - Renesas Technology Corp

  9FG830AFILF Datasheet HTML 1Page - Renesas Technology Corp 9FG830AFILF Datasheet HTML 2Page - Renesas Technology Corp 9FG830AFILF Datasheet HTML 3Page - Renesas Technology Corp 9FG830AFILF Datasheet HTML 4Page - Renesas Technology Corp 9FG830AFILF Datasheet HTML 5Page - Renesas Technology Corp 9FG830AFILF Datasheet HTML 6Page - Renesas Technology Corp 9FG830AFILF Datasheet HTML 7Page - Renesas Technology Corp 9FG830AFILF Datasheet HTML 8Page - Renesas Technology Corp 9FG830AFILF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
IDT®
Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
1680E—04/04/17
9FG830
Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
4
Pin Description (Continued)
31
VDD
PWR
Power supply, nominal 3.3V
32
DIF_2#
OUT
0.7V differential Complementary clock output
33
DIF_2
OUT
0.7V differential true clock output
34
^OE_2
IN
Active high input for enabling output 2. This pin has in internal 120kohm pull up
resistor.
0 = disable outputs, 1= enable outputs
35
GND
PWR
Ground pin.
36
VDD
PWR
Power supply, nominal 3.3V
37
^OE_1
IN
Active high input for enabling output 1. This pin has an internal 120kohm pull up
resistor.
0 = disable outputs, 1= enable outputs
38
DIF_1#
OUT
0.7V differential Complementary clock output
39
DIF_1
OUT
0.7V differential true clock output
40
VDD
PWR
Power supply, nominal 3.3V
41
DIF_0#
OUT
0.7V differential Complementary clock output
42
DIF_0
OUT
0.7V differential true clock output
43
vOE_0
IN
Active high input for enabling output 0. This pin has an internal 120kohm pull down
resistor.
0 =disable outputs, 1= enable outputs
44
vFS1
IN
3.3V Frequency select latched input pin with internal 120kohm pull down resistor.
45
vFS0
IN
3.3V Frequency select latched input pin with internal 120kohm pull down resistor.
46
IREF
OUT
This pin establishes the reference current for the differential current-mode output pairs.
This pin requires a fixed precision resistor tied to ground in order to establish the
appropriate current. 475 ohms is the standard value.
47
GNDA
PWR
Ground pin for the PLL core.
48
VDDA
PWR
3.3V power for the PLL core.
Note:
^ indicates internal 120K pull up
v indicates internal 120K pull down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com