Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9FG830AFILF Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 9FG830AFILF
Description  Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9FG830AFILF Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 9FG830AFILF Datasheet HTML 2Page - Renesas Technology Corp 9FG830AFILF Datasheet HTML 3Page - Renesas Technology Corp 9FG830AFILF Datasheet HTML 4Page - Renesas Technology Corp 9FG830AFILF Datasheet HTML 5Page - Renesas Technology Corp 9FG830AFILF Datasheet HTML 6Page - Renesas Technology Corp 9FG830AFILF Datasheet HTML 7Page - Renesas Technology Corp 9FG830AFILF Datasheet HTML 8Page - Renesas Technology Corp 9FG830AFILF Datasheet HTML 9Page - Renesas Technology Corp 9FG830AFILF Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
IDT®
Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
1680E—04/04/17
9FG830
Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
6
Electrical Characteristics - DIF 0.7V Current Mode Differential Outputs
TA = TCOM or TIND; Supply Voltage VDD = 3.3 V +/-5%, See Test Loads for loading conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Slew rate
Trf
Scope averaging on
1
4
V/ns
1, 2, 3
Slew rate matching
∆Trf
Slew rate matching, Scope averaging on
20
%
1, 2, 4
Voltage High
VHigh
660
850
1
Voltage Low
VLow
-150
150
1
Max VoltageVmax
1150
1
Min Voltage
Vmin
-300
1
Vswing
Vswing
Scope averaging off
300
mV
1, 2
Crossing Voltage (abs)
Vcross_abs
Scope averaging off
250
550
mV
1, 5
Crossing Voltage (var)
∆-Vcross
Scope averaging off
140
mV
1, 6
2 Measured from differential waveform
6 The total variation of all Vcross measurements in a particular system. This is a subset of V_cross_min/max (V_cross absolute)
allowed. The intent is to limit Vcross induced modulation by setting V_cross_delta to be smaller than V_cross absolute.
mV
Statistical measurement on single-ended signal
using oscilloscope math function. (Scope
averaging on)
Measurement on single ended signal using
absolute value. (Scope averaging off)
mV
1Guaranteed by design and characterization, not 100% tested in production. IREF = VDD/(3xR
R).
For RR = 475Ω (1%), IREF = 2.32mA.
IOH = 6 x IREF and VOH = 0.7V @ ZO=50Ω (100Ω differential impedance).
3 Slew rate is measured through the Vswing voltage range centered around differential 0V. This results in a +/-150mV window around
differential 0V.
4 Matching applies to rising edge rate of Clock / falling edge rate of Clock#. It is measured in a +/-75mV window centered on the
average cross point where Clock rising meets Clock# falling. The median cross point is used to calculate the voltage thresholds the
oscilloscope uses for the edge rate calculations.
5 Vcross is defined as voltage where Clock = Clock# measured on a component test board and only applies to the differential rising
edge (i.e. Clock rising and Clock# falling).
Electrical Characteristics - Current Consumption
TA = TCOM or TIND; Supply Voltage VDD = 3.3 V +/-5%, See Test Loads for loading conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
IDD3.3
VDD, All outputs active @100MHz
250
mA
1
IDDA3.3OP
VDDA, All outputs active @100MHz
28
mA
1
IDD3.3
VDD, All outputs active @400MHz
200
mA
1
IDDA3.3OP
VDDA, All outputs active @400MHz
28
mA
1
IDD3.3DS
VDD, All DIF pairs stopped driven
190
mA
1
IDDA3.3DS
VDDA, All DIF pairs stopped driven
28
mA
1
IDD3.3DZ
VDD, All DIF pairs stopped Hi-Z
38
mA
1
IDDA3.3DZ
VDDA, All DIF pairs stopped Hi-Z
28
mA
1
1Guaranteed by design and characterization, not 100% tested in production.
2 I
REF = VDD/(3xRR).
For RR = 475Ω (1%), IREF = 2.32mA. IOH = 6 x IREF and VOH = 0.7V @ ZO=50Ω.
Operating Supply Current
DIF_STOP# Current
Electrical Characteristics - Output Duty Cycle, Jitter, and Skew Characterisitics
TA = TCOM or TIND; Supply Voltage VDD = 3.3 V +/-5%, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Duty Cycle
tDC
Measured differentially, PLL Mode
45
55
%
1
Skew, Output to Output
tsk3
VT = 50%
50
ps
1
Jitter, Cycle to cycle
tjcyc-cyc
25M input
50
ps
1,3
Jitter, Cycle to cycle
tjcyc-cyc
14.318M input
60
ps
1,3
1Guaranteed by design and characterization, not 100% tested in production.
2 I
REF = VDD/(3xRR).
For RR = 475Ω (1%), IREF = 2.32mA. IOH = 6 x IREF and VOH = 0.7V @ ZO=50Ω.
3 Measured from differential waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com