Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PECH1EU Datasheet(PDF) 1 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # PECH1EU
Description  P-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PECH1EU Datasheet(HTML) 1 Page - NIKO SEMICONDUCTOR CO., LTD.

  PECH1EU Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PECH1EU Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PECH1EU Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PECH1EU Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD. PECH1EU Datasheet HTML 5Page - NIKO SEMICONDUCTOR CO., LTD. PECH1EU Datasheet HTML 6Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
P-Channel Logic Level Enhancement Mode
Field Effect Transistor
REV 1.1
1
N-21-4
PECH1EU
PDFN 3.3x3.3S
Halogen-free & Lead-Free
NIKO-SEM
G
D
D
D
D
S
S
S
#1
Features
• Pb−Free, Halogen Free and RoHS compliant.
• Low R
DS(on) to Minimize Conduction Losses.
• Ohmic Region Good R
DS(on) Ratio.
• Optimized Gate Charge to Minimize Switching Losses.
• 100% UIS and Rg Tested.
• Products Integrated ESD diode with ESD Protected.
Applications
• Protection Circuits Applications.
• Logic/Load Switch Circuits Applications.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C Unless Otherwise Noted)
PARAMETERS/TEST CONDITIONS
SYMBOL
LIMITS
UNITS
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±25
V
Continuous Drain Current
4
TC = 25 °C
ID
-50
A
TC = 100 °C
-46
TA = 25 °C
-17
TA = 70 °C
-13
Pulsed Drain Current
1
IDM
-187
Avalanche Current
IAS
-54
Avalanche Energy
L = 0.1mH
EAS
145
mJ
Power Dissipation
3
TC = 25 °C
PD
57
W
TC = 100 °C
23
TA = 25 °C
3.1
TA = 70 °C
2
Junction & Storage Temperature Range
Tj, Tstg
-55 to 150
°C
PRODUCT SUMMARY
V(BR)DSS
RDS(ON)
ID
-30V
6.1mΩ
-50A
G. GATE
D. DRAIN
S. SOURCE


Similar Part No. - PECH1EU

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
PECH MERITEK-PECH Datasheet
559Kb / 2P
Conductive Polymer Aluminum Solid Capacitors (SMT)
PECH2R0471M MERITEK-PECH2R0471M Datasheet
559Kb / 2P
Conductive Polymer Aluminum Solid Capacitors (SMT)
PECH2R5471M MERITEK-PECH2R5471M Datasheet
559Kb / 2P
Conductive Polymer Aluminum Solid Capacitors (SMT)
PECH2R5471Y MERITEK-PECH2R5471Y Datasheet
559Kb / 2P
Conductive Polymer Aluminum Solid Capacitors (SMT)
More results

Similar Description - PECH1EU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDP6030PL FAIRCHILD-NDP6030PL Datasheet
56Kb / 4P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
P8006EVG ETC2-P8006EVG Datasheet
296Kb / 5P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
STU437S SAMHOP-STU437S Datasheet
121Kb / 10P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
NIKO SEMICONDUCTOR CO.,...
PE5A1BA NIKOSEM-PE5A1BA Datasheet
271Kb / 5P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
PK5A7BA NIKOSEM-PK5A7BA Datasheet
346Kb / 9P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
PV521BA NIKOSEM-PV521BA Datasheet
277Kb / 4P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
PZ0703EK NIKOSEM-PZ0703EK Datasheet
270Kb / 4P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
ON Semiconductor
NDS352AP ONSEMI-NDS352AP Datasheet
271Kb / 9P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
December, 2021 ??Rev. 5
logo
NIKO SEMICONDUCTOR CO.,...
P1306EK NIKOSEM-P1306EK Datasheet
357Kb / 5P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
REV1.0
PZ5G7EA NIKOSEM-PZ5G7EA Datasheet
340Kb / 4P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
REV 1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com