Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PECH1EU Datasheet(PDF) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # PECH1EU
Description  P-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PECH1EU Datasheet(HTML) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

  PECH1EU Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PECH1EU Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PECH1EU Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PECH1EU Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD. PECH1EU Datasheet HTML 5Page - NIKO SEMICONDUCTOR CO., LTD. PECH1EU Datasheet HTML 6Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
P-Channel Logic Level Enhancement Mode
Field Effect Transistor
REV 1.1
2
N-21-4
PECH1EU
PDFN 3.3x3.3S
Halogen-free & Lead-Free
NIKO-SEM
THERMAL RESISTANCE RATINGS
THERMAL RESISTANCE
SYMBOL
TYPICAL
MAXIMUM
UNITS
Junction-to-Ambient
2
t ≦10s
RJA
40
°C / W
Junction-to-Ambient
2
Steady-State
RJA
58
Junction-to-Case
Steady-State
RJC
2.2
1Pulse width limited by maximum junction temperature.
2The value of RθJA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air
environment with TA =25°C.
3The Power dissipation is based on R
JA t ≦10s value.
4The maximum current rating is Package limited.
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
PARAMETER
SYMBOL
TEST CONDITIONS
LIMITS
UNIT
MIN
TYP MAX
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = -250A
-30
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = -250A
-1.3
-1.7
-2.3
Gate-Body Leakage
IGSS
VDS = 0V, VGS = ±25V
±10
uA
Zero Gate Voltage Drain Current
IDSS
VDS = -30V, VGS = 0V
-1
A
VDS = -30V, VGS = 0V, TJ = 55 °C
-10
Drain-Source On-State Resistance
5
RDS(ON)
VGS = -10V, ID = -12A
4.7
6.1
mΩ
VGS = -4.5V, ID = -12A
7.6
11
Forward Transconductance
5
gfs
VDS = -5V, ID = -12A
45
S
DYNAMIC
Input Capacitance
Ciss
VGS = 0V, VDS = -15V, f = 1MHz
3265
pF
Output Capacitance
Coss
511
Reverse Transfer Capacitance
Crss
397
Gate Resistance
Rg
VGS = 0V, VDS = 0V, f = 1MHz
4.3
Ω
Total Gate Charge
6
Qg(VGS=-10V)
VDS = -15V , ID = -12A
67
nC
Qg(VGS=-4.5V)
33
Gate-Source Charge
6
Qgs
9
Gate-Drain Charge
6
Qgd
14



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com