Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OG-F8HT18AS Datasheet(PDF) 2 Page - Nel Frequency Controls,inc

Part # OG-F8HT18AS
Description  Precision SC-cut OCXO in 1?쓝1??Through Hole Package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

OG-F8HT18AS Datasheet(HTML) 2 Page - Nel Frequency Controls,inc

  OG-F8HT18AS Datasheet HTML 1Page - Nel Frequency Controls,inc OG-F8HT18AS Datasheet HTML 2Page - Nel Frequency Controls,inc OG-F8HT18AS Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CRYSTAL OSCILLATORS
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
Data Sheet 0635F
OG-X8HXXXXX Series
Parameter
Symb
Condition
Min
Typ
Max
Unit
Note
Absolute Maximum Ratings
Input Break
Down Voltage
Vcc
-0.5
13.0
V
Storage temper.
Ts
-40
85
°C
Control Voltage
Vc
-1
9
V
Electrical
Frequency
F
4.8
10.000
160
MHz
1*
vs. Temp.
±10
ppb
See chart below
Frequency stability
∆F/F
vs. Supply
1
2
ppb/V
Aging
per day
per year
5E-10
1E-7
after 30 days
5E-8 available2*
Allan Variance
.1s to 10s
1E-11
SSB Phase Noise
1Hz
10 Hz
100 Hz
1 KHz
10 KHz
-90
-120
-150
-153
-160
dBc/Hz
3*
Retrace
After 30 minutes
±10
ppb
G-sensitivity
worst direction
±1.0
ppb/G
Input Voltage
Vcc
4.75
3.15
11.4
5.0
3.3
12.0
5.25
3.45
12.6
V
See chart below to specify
Power consumption
P
steady state, 25°C
steady state, -30°C
start-up @ -30°C
0.8
1.5
2.5
1.2
3.2
W
Standard Operating
Temperature, for Op
Temp. 85 °C ad 20%
Spectral Purity
Subharmonics
Spurious
Harmonics/Sine
-50
-35
-45
-80
-30
dBc
At Higher Frequencies
Load
10KOhm//15pF (HCMOS/TTL), 50 Ohm (Sinewave)
Warm-up time
τ
to 0.1ppm accuracy
3
5
minutes
3 min. at 12V
Output Waveform
3.3V HCMOS/TTL compatible or Sinewave (+7± 3) dBm
-25dBm Harmonics at sine
Control voltage
Vc
0
4.0
V
Pull range
from nominal F
±0.5
±1
ppm
Deviation slope
Monotonic, posit
0.4
ppm/V
Setability
Vc0
@25°C, Fnom.
1.0
2.0
3.0
V
Environmental and Mechanical
Operating temp. range
-30°C to 70°C Standard, Other options – see chart below
Mechanical Shock
Per MIL-STD-202, 30G, 11ms
Vibration
Per MIL-STD-202, 5G to 2000 Hz
Soldering Conditions
260°C for 10s Max leads only
Electrical Connections
Pin Out
Pin #1-- Output ; Pin#2 – GND; Pin #3 – Vc; Pin #4 - Vref; Pin #5 - Vcc;
Notes:
1* Higher frequencies can be achieved either by using higher frequency crystals or by low noise analog harmonic multiplication. Both
methods have advantages and drawbacks. If lowest possible phase noise on the noise floor is most important – high frequency crystal will be used. If
phase noise close to the carrier and aging are more important – multiplication will be used. Please consult factory for your specific requirement.
2* Aging rate is usually proportional to the operating frequency, unless higher frequency is achieved by multiplication. Keep it in mind
while specifying aging.
3* Phase noise deteriorates with frequencies going higher. If analog multiplication is used to achieve higher frequency the phase noise
roughly follows the formula of additional 20LogN, where N is a multiplication factor across entire frequency offset range. If higher frequency is
achieved by using higher frequency crystal phase noise close to the carrier deteriorates due to the lower Q of the crystal and is usually worse,
compared to multiplied solution. On the noise floor, however it remains more or less the same. This design usually starts utilizing multiplication
techniques in the range of 25 MHz to 35 MHz.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com