Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OG-F8HT18AS Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part # OG-F8HT18AS
Description  Precision SC-cut OCXO in 1?쓝1??Through Hole Package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

OG-F8HT18AS Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  OG-F8HT18AS Datasheet HTML 1Page - Nel Frequency Controls,inc OG-F8HT18AS Datasheet HTML 2Page - Nel Frequency Controls,inc OG-F8HT18AS Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CRYSTAL OSCILLATORS
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
Data Sheet 0635F
Specifications:
Product Data Sheet
Features
• SC-cut crystal
• High Stability (up to ± 5x10
-9
)
• Low Aging (5x10
-10
/day, 5x10
-8
/year)
• Low Phase Noise (-160 dBc/Hz, TYP, floor)
• Sine Wave or HCMOS/TTL output
• 4.8 MHz to 160 MHz Frequencies Available
Applications
• Telecommunication Systems
• Data Communications
• GPS
• Instrumentation
OGX8HXXXXX Series
Precision SC-cut OCXO in 1”x1” Through Hole Package
10K
Vref
2
5
DUT
4
1
Vc
3
Vcc
OUTPUT
1
2
3
4
5
1.00 (25,4 mm) SQ.
0.75 (19,05 mm)
Ø0.030 (0,76 mm) TYP
0.50 (12,7 mm)
0.75 (19,05 mm)
0.25 (6,35 mm)


Similar Part No. - OG-F8HT18AS

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
OG-160810S KGS-OG-160810S Datasheet
1Mb / 9P
Grounding components, with support for automated mounting on PC board.
OG-232242 KGS-OG-232242 Datasheet
1Mb / 9P
Grounding components, with support for automated mounting on PC board.
OG-282543HDR KGS-OG-282543HDR Datasheet
1Mb / 9P
Grounding components, with support for automated mounting on PC board.
OG-301012 KGS-OG-301012 Datasheet
1Mb / 9P
Grounding components, with support for automated mounting on PC board.
OG-320816 KGS-OG-320816 Datasheet
1Mb / 9P
Grounding components, with support for automated mounting on PC board.
More results

Similar Description - OG-F8HT18AS

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C4500 VECTRON-C4500 Datasheet
233Kb / 5P
OCXO Surface Mount Package Optional AT-Cut and SC-Cut Crystal Options
C4505 VECTRON-C4505 Datasheet
212Kb / 5P
OCXO Surface Mount Package Reflow Process Compatible AT-Cut and SC-Cut Crystal Options Compact Package
C4530 VECTRON-C4530 Datasheet
243Kb / 6P
OCXO Surface Mount Package Reflow Process Compatible AT-Cut and SC-Cut Crystal Options Low Profile Compact Package
C4600 VECTRON-C4600 Datasheet
146Kb / 4P
OCXO Standard Package Low Aging AT-Cut and SC-Cut Crystal Options Fast Warm-up
logo
Nel Frequency Controls,...
OD-X8HXXXXX NEL-OD-X8HXXXXX Datasheet
38Kb / 3P
Precision SC-cut OCXO in 20x20 mm Through Hole Package
OD-X8JXXXXX NEL-OD-X8JXXXXX Datasheet
38Kb / 3P
Precision, Low Power Consumption, Fast Warm-up SC-cut OCXO in 20x20 mm Through Hole Package
OE-X8HXXXXX NEL-OE-X8HXXXXX Datasheet
40Kb / 3P
Precision SC-cut OCXO in 36x27 mm ?쏣uropack?
OF-X8HXXXXX NEL-OF-X8HXXXXX Datasheet
87Kb / 3P
Precision SC-cut OCXO in 25x22 mm Low Profile SMD Package
logo
CTS Corporation
117 CTS-117 Datasheet
103Kb / 4P
1?쓝1??Stratum 3 OCXO
118 CTS-118 Datasheet
102Kb / 4P
1?쓝1??Stratum 3E OCXO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com