Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9DB403D Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ICS9DB403D
Description  Four Output Differential Buffer for PCIe Gen 1 and Gen 2
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9DB403D Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ICS9DB403D Datasheet HTML 12Page - Renesas Technology Corp ICS9DB403D Datasheet HTML 13Page - Renesas Technology Corp ICS9DB403D Datasheet HTML 14Page - Renesas Technology Corp ICS9DB403D Datasheet HTML 15Page - Renesas Technology Corp ICS9DB403D Datasheet HTML 16Page - Renesas Technology Corp ICS9DB403D Datasheet HTML 17Page - Renesas Technology Corp ICS9DB403D Datasheet HTML 18Page - Renesas Technology Corp ICS9DB403D Datasheet HTML 19Page - Renesas Technology Corp ICS9DB403D Datasheet HTML 20Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
IDT®
Four Output Differential Buffer for PCIe Gen 1 and Gen 2
ICS9DB403D
REV R 11/1/12
ICS9DB403D
Four Output Differential Buffer for PCIe for Gen 1 and Gen 2
17
209 mil SSOP
MIN
MAX
MIN
MAX
A--
2.00
--
.079
A1
0.05
--
.002
--
A2
1.65
1.85
.065
.073
b
0.220.38
.009.015
c
0.09
0.25
.0035
.010
D
E
7.408.20
.291.323
E1
5.00
5.60
.197
.220
e
L
0.550.95
.022.037
N
α
0°
8°
0°
8°
VARIATIONS
MIN
MAX
MIN
MAX
28
9.90
10.50
.390
.413
10-0033
Reference Doc.: JEDEC Publication 95, MO-150
0.0256 BASIC
COMMON DIMENSIONS
In Millimeters
In Inches
COMMON DIMENSIONS
209 mil SSOP
N
SEE VARIATIONS
SEE VARIATIONS
D mm.
D (inch)
SYMBOL
SEE VARIATIONS
SEE VARIATIONS
0.65 BASIC
28-pin SSOP Package Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com