Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9DB801C Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS9DB801C
Description  Eight Output Differential Buffer for PCI Express (50-200MHz)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9DB801C Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS9DB801C Datasheet HTML 1Page - Renesas Technology Corp ICS9DB801C Datasheet HTML 2Page - Renesas Technology Corp ICS9DB801C Datasheet HTML 3Page - Renesas Technology Corp ICS9DB801C Datasheet HTML 4Page - Renesas Technology Corp ICS9DB801C Datasheet HTML 5Page - Renesas Technology Corp ICS9DB801C Datasheet HTML 6Page - Renesas Technology Corp ICS9DB801C Datasheet HTML 7Page - Renesas Technology Corp ICS9DB801C Datasheet HTML 8Page - Renesas Technology Corp ICS9DB801C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
IDTTM/ICSTM Eight Output Differential Buffer for PCI Express (50-200MHz)
9DB801C
REV E 01/27/11
ICS9DB801C
Eight Output Differential Buffer for PCI Express (50-200MHz)
4
Pin Description for OE_INV = 0
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
25
GND
POWER
Ground pin.
26
PD#
INPUT
Asynchronous active low input pin, with 120Kohm internal pull-
up resistor, used to power down the device. The internal clocks
are disabled and the VCO and the crystal are stopped.
27
SRC_STOP#
INPUT
Active low input to stop SRC outputs.
28
HIGH_BW#
INPUT
3.3V input for selecting PLL Band Width
0 = High, 1= Low
29
DIF_4#
OUTPUT
0.7V differential complement clock outputs
30
DIF_4
OUTPUT
0.7V differential true clock outputs
31
VDD
POWER
Power supply, nominal 3.3V
32
GND
POWER
Ground pin.
33
DIF_5#
OUTPUT
0.7V differential complement clock outputs
34
DIF_5
OUTPUT
0.7V differential true clock outputs
35
OE_5
INPUT
Active high input for enabling outputs.
0 = tri-state outputs, 1= enable outputs
36
OE_6
INPUT
Active high input for enabling outputs.
0 = tri-state outputs, 1= enable outputs
37
DIF_6#
OUTPUT
0.7V differential complement clock outputs
38
DIF_6
OUTPUT
0.7V differential true clock outputs
39
VDD
POWER
Power supply, nominal 3.3V
40
OE_INV
INPUT
This latched input selects the polarity of the OE pins.
0 = OE pins active high, 1 = OE pins active low (OE#)
41
DIF_7#
OUTPUT
0.7V differential complement clock outputs
42
DIF_7
OUTPUT
0.7V differential true clock outputs
43
OE_4
INPUT
Active high input for enabling outputs.
0 = tri-state outputs, 1= enable outputs
44
OE_7
INPUT
Active high input for enabling outputs.
0 = tri-state outputs, 1= enable outputs
45
LOCK
OUTPUT
3.3V output indicating PLL Lock Status. This pin goes high
when lock is achieved.
46
IREF
INPUT
This pin establishes the reference current for the differential
current-mode output pairs. This pin requires a fixed precision
resistor tied to ground in order to establish the appropriate
current. 475 ohms is the standard value.
47
GNDA
POWER
Ground pin for the PLL core.
48
VDDA
POWER
3.3V power for the PLL core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com