Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9DB801C Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ICS9DB801C
Description  Eight Output Differential Buffer for PCI Express (50-200MHz)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9DB801C Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ICS9DB801C Datasheet HTML 3Page - Renesas Technology Corp ICS9DB801C Datasheet HTML 4Page - Renesas Technology Corp ICS9DB801C Datasheet HTML 5Page - Renesas Technology Corp ICS9DB801C Datasheet HTML 6Page - Renesas Technology Corp ICS9DB801C Datasheet HTML 7Page - Renesas Technology Corp ICS9DB801C Datasheet HTML 8Page - Renesas Technology Corp ICS9DB801C Datasheet HTML 9Page - Renesas Technology Corp ICS9DB801C Datasheet HTML 10Page - Renesas Technology Corp ICS9DB801C Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
IDTTM/ICSTM Eight Output Differential Buffer for PCI Express (50-200MHz)
9DB801C
REV E 01/27/11
ICS9DB801C
Eight Output Differential Buffer for PCI Express (50-200MHz)
7
Symbol
Parameter
Min
Max
Units
VDD_A
3.3V Core Supply Voltage
4.6
V
VDD_In
3.3V Logic Supply Voltage
4.6
V
VIL
Input Low Voltage
GND-0.5
V
VIH
Input High Voltage
VDD+0.5V
V
Ts
Storage Temperature
-65
150
°C
Tambient
Ambient Operating Temp
0
70
°C
Tcase
Case Temperature
115
°C
ESD prot
Input ESD protection
human body model
2000
V
Absolute Max
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70°C; Supply Voltage VDD = 3.3 V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Input High Voltage
VIH
3.3 V +/-5%
2
VDD + 0.3
V
Input Low Voltage
VIL
3.3 V +/-5%
GND - 0.3
0.8
V
Input High Current
IIH
VIN = VDD
-5
5
uA
IIL1
VIN = 0 V; Inputs with no pull-
up resistors
-5
uA
IIL2
VIN = 0 V; Inputs with pull-up
resistors
-200
uA
IDD3.3PLL
175
200
mA
IDD3.3ByPass
160
175
mA
all diff pairs driven
50
70
mA
all differential pairs tri-stated
1
4
mA
Input Frequency
FiPLL
PLL Mode
50
200
MHz
Input Frequency
FiBypass
Bypass Mode (Revision
B/REV ID = 1H)
0
333.33
MHz
Input Frequency
FiBypass
Bypass Mode (Revision
C/REV ID = 2H)
0400
MHz
Pin Inductance1
Lpin
7nH
1
CIN
Logic Inputs
1.5
4
pF
1
COUT
Output pin capacitance
4
pF
1
PLL Bandwidth when
PLL_BW=0
2.4
3
3.4
MHz
1
PLL Bandwidth when
PLL_BW=1
0.7
1
1.4
MHz
1
Clk Stabilization
1,2
TSTAB
From VDD Power-Up and after
input clock stabilization or de-
assertion of PD# to 1st clock
0.5
1
ms
1,2
Modulation Frequency
fMOD
Triangular Modulation
30
33
kHz
1
Tdrive_SRC_STOP#
DIF output enable after
SRC_Stop# de-assertion
10
15
ns
1,3
Tdrive_PD#
DIF output enable after
PD# de-assertion
300
us
1,3
Tfall
Fall time of PD# and
SRC_STOP#
5ns
1
Trise
Rise time of PD# and
SRC_STOP#
5ns
2
1Guaranteed by design and characterization, not 100% tested in production.
2See timing diagrams for timing requirements.
IDD3.3PD
3Time from deassertion until outputs are >200 mV
Input Capacitance
1
Input Low Current
Powerdown Current
PLL Bandwidth
BW
Full Active, CL = Full load;
Operating Supply Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com