Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DB403DFILF Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 9DB403DFILF
Description  Four Output Differential Buffer for PCIe Gen 1 and Gen 2
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB403DFILF Datasheet(HTML) 4 Page - Renesas Technology Corp

  9DB403DFILF Datasheet HTML 1Page - Renesas Technology Corp 9DB403DFILF Datasheet HTML 2Page - Renesas Technology Corp 9DB403DFILF Datasheet HTML 3Page - Renesas Technology Corp 9DB403DFILF Datasheet HTML 4Page - Renesas Technology Corp 9DB403DFILF Datasheet HTML 5Page - Renesas Technology Corp 9DB403DFILF Datasheet HTML 6Page - Renesas Technology Corp 9DB403DFILF Datasheet HTML 7Page - Renesas Technology Corp 9DB403DFILF Datasheet HTML 8Page - Renesas Technology Corp 9DB403DFILF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
IDT®
Four Output Differential Buffer for PCIe Gen 1 and Gen 2
ICS9DB403D
REV R 11/1/12
ICS9DB403D
Four Output Differential Buffer for PCIe for Gen 1 and Gen 2
4
Pin Decription When OE_INV = 1
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1VDDR
PWR
3.3V power for differential input clock (receiver). This VDD should be
treated as an analog power rail and filtered appropriately.
2
SRC_IN
IN
0.7 V Differential SRC TRUE input
3
SRC_IN#
IN
0.7 V Differential SRC COMPLEMENTARY input
4
GND
PWR
Ground pin.
5
VDD
PWR
Power supply, nominal 3.3V
6
DIF_1
OUT
0.7V differential true clock output
7
DIF_1#
OUT
0.7V differential Complementary clock output
8OE1#
IN
Active low input for enabling DIF pair 1.
1 =disable outputs, 0 = enable outputs
9
DIF_2
OUT
0.7V differential true clock output
10
DIF_2#
OUT
0.7V differential Complementary clock output
11
VDD
PWR
Power supply, nominal 3.3V
12
BYPASS#/PLL
IN
Input to select Bypass(fan-out) or PLL (ZDB) mode
0 = Bypass mode, 1= PLL mode
13
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
14
SDATA
I/O
Data pin for SMBus circuitry, 5V tolerant.
15
PD
IN
Asynchronous active high input pin used to power down the device.
The internal clocks are disabled and the VCO is stopped.
16
DIF_STOP
IN
Active High input to stop differential output clocks.
17
HIGH_BW#
IN
3.3V input for selecting PLL Band Width
0 = High, 1= Low
18
VDD
PWR
Power supply, nominal 3.3V
19
DIF_5#
OUT
0.7V differential Complementary clock output
20
DIF_5
OUT
0.7V differential true clock output
21
OE6#
IN
Active low input for enabling DIF pair 6.
1 =disable outputs, 0 = enable outputs
22
DIF_6#
OUT
0.7V differential Complementary clock output
23
DIF_6
OUT
0.7V differential true clock output
24
VDD
PWR
Power supply, nominal 3.3V
25
OE_INV
IN
This latched input selects the polarity of the OE pins.
0 = OE pins active high, 1 = OE pins active low (OE#)
26
IREF
OUT
This pin establishes the reference for the differential current-mode
output pairs. It requires a fixed precision resistor to ground. 475ohm is
the standard value for 100ohm differential impedance. Other
impedances require different values. See data sheet.
27
GNDA
PWR
Ground pin for the PLL core.
28
VDDA
PWR
3.3V power for the PLL core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com