Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DB403DFILF Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 9DB403DFILF
Description  Four Output Differential Buffer for PCIe Gen 1 and Gen 2
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB403DFILF Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 9DB403DFILF Datasheet HTML 2Page - Renesas Technology Corp 9DB403DFILF Datasheet HTML 3Page - Renesas Technology Corp 9DB403DFILF Datasheet HTML 4Page - Renesas Technology Corp 9DB403DFILF Datasheet HTML 5Page - Renesas Technology Corp 9DB403DFILF Datasheet HTML 6Page - Renesas Technology Corp 9DB403DFILF Datasheet HTML 7Page - Renesas Technology Corp 9DB403DFILF Datasheet HTML 8Page - Renesas Technology Corp 9DB403DFILF Datasheet HTML 9Page - Renesas Technology Corp 9DB403DFILF Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
IDT®
Four Output Differential Buffer for PCIe Gen 1 and Gen 2
ICS9DB403D
REV R 11/1/12
ICS9DB403D
Four Output Differential Buffer for PCIe for Gen 1 and Gen 2
6
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = Tambient for the desired operating range, Supply Voltage VDD = 3.3 V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Input High Voltage
VIHSE
2
VDD + 0.3
V1
Input Low Voltage
VILSE
GND - 0.3
0.8
V
1
Input High Current
IIHSE
VIN = VDD
-5
5
uA
1
IIL1
VIN = 0 V; Inputs with no pull-up resistors
-5
uA
1
IIL2
VIN = 0 V; Inputs with pull-up resistors
-200
uA
1
IDD3.3OPC
Full Active, CL = Full load; Commerical
Temp Range
175
200
mA
1
IDD3.3OPI
Full Active, CL = Full load; Industrial Temp
Range
190
225
mA
1
all diff pairs driven, C-Temp
50
60
mA
1
all differential pairs tri-stated, C-Temp
46
mA
1
all diff pairs driven, I-temp
55
65
mA
1
all differential pairs tri-stated, I-temp
68
mA
1
IDD3.3OPC
Full Active, CL = Full load; Commerical
Temp Range
105
125
mA
1
IDD3.3OPI
Full Active, CL = Full load; Industrial Temp
Range
115
150
mA
1
all diff pairs driven, C-Temp
25
30
mA
1
all differential pairs tri-stated, C-Temp
23
mA
1
all diff pairs driven, I-Temp
30
35
mA
1
all differential pairs tri-stated, I-Temp
34
mA
1
FiPLL
PCIe Mode (Bypass#/PLL= 1)
50
100.00
110
MHz
1
FiBYPASS
Bypass Mode ((Bypass#/PLL= 0)
33
400
MHz
1
Pin Inductance
Lpin
7nH
1
CIN
Logic Inputs, except SRC_IN
1.5
5
pF
1
CINSRC_IN
SRC_IN differential clock inputs
1.5
2.7
pF
1,4
COUT
Output pin capacitance
6
pF
1
-3dB point in High BW Mode
2
3
4
MHz
1
-3dB point in Low BW Mode
0.7
1
1.4
MHz
1
PLL Jitter Peaking
tJPEAK
Peak Pass band Gain
1.5
2
dB
1
Clk Stabilization
TSTAB
From VDD Power-Up and after input clock
stabilization or de-assertion of PD# to 1st
clock
1ms
1,2
Input SS Modulation
Frequency
fMODIN
Allowable Frequency
(Triangular Modulation)
30
33
kHz
1
OE# Latency
tLATOE#
DIF start after OE# assertion
DIF stop after OE# deassertion
1
3
cycles
1,3
Tdrive_SRC_STOP#
tDRVSTP
DIF output enable after
SRC_Stop# de-assertion
10
ns
1,3
Tdrive_PD#
tDRVPD
DIF output enable after
PD# de-assertion
300
us
1,3
Tfall
tF
Fall time of PD# and SRC_STOP#
5
ns
1
Trise
tR
Rise time of PD# and SRC_STOP#
5
ns
2
SMBus Voltage
VMAX
Maximum input voltage
5.5
V
1
Low-level Output Voltage
VOL
@ IPULLUP
0.4
V
1
Current sinking at VOL
IPULLUP
4mA
1
SCLK/SDATA
Clock/Data Rise Time
tRSMB
(Max VIL - 0.15) to
(Min VIH + 0.15)
1000
ns
1
SCLK/SDATA
Clock/Data Fall Time
tFSMB
(Min VIH + 0.15) to
(Max VIL - 0.15)
300
ns
1
SMBus Operating
Frequency
fMAXSMB
Maximum SMBus operating frequency
100
kHz
1,5
1Guaranteed by design and characterization, not 100% tested in production.
2See timing diagrams for timing requirements.
IDD3.3PDI
IDD3.3PDI
9DB803 Powerdown
Current
Single Ended Inputs, 3.3 V +/-5%
Input Low Current
IDD3.3PDC
9DB803 Supply Current
9DB403 Supply Current
9DB403 Powerdown
Current
5The differential input clock must be running for the SMBus to be active
Input Frequency
4SRC_IN input
IDD3.3PDC
3Time from deassertion until outputs are >200 mV
PLL Bandwidth
BW
Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com