Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DB803DGLF Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # 9DB803DGLF
Description  EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB803DGLF Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button 9DB803DGLF Datasheet HTML 12Page - Renesas Technology Corp 9DB803DGLF Datasheet HTML 13Page - Renesas Technology Corp 9DB803DGLF Datasheet HTML 14Page - Renesas Technology Corp 9DB803DGLF Datasheet HTML 15Page - Renesas Technology Corp 9DB803DGLF Datasheet HTML 16Page - Renesas Technology Corp 9DB803DGLF Datasheet HTML 17Page - Renesas Technology Corp 9DB803DGLF Datasheet HTML 18Page - Renesas Technology Corp 9DB803DGLF Datasheet HTML 19Page - Renesas Technology Corp 9DB803DGLF Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
ICS9DB803D
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
IDT®
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
16
ICS9DB803D
REV N 071013
Note: Polarities in timing diagrams are shown OE_INV = 0. They are similar to OE_INV = 1.
PD#, Power Down
The PD# pin cleanly shuts off all clocks and places the device into a power saving mode. PD# must be asserted before
shutting off the input clock or power to insure an orderly shutdown. PD is asynchronous active-low input for both powering
down the device and powering up the device. When PD# is asserted, all clocks will be driven high, or tri-stated (depending
on the PD# drive mode and Output control bits) before the PLL is shut down.
PD# Assertion
When PD# is sampled low by two consecutive rising edges of DIF#, all DIF outputs must be held High, or tri-stated
(depending on the PD# drive mode and Output control bits) on the next High-Low transition of the DIF# outputs. When the
PD# drive mode bit is set to ‘0’, all clock outputs will be held with DIF driven High with 2 x IREF and DIF# tri-stated. If the
PD# drive mode bit is set to ‘1’, both DIF and DIF# are tri-stated.
PD# De-assertion
Power-up latency is less than 1 ms. This is the time from de-assertion of the PD# pin, or VDD reaching 3.3V, or the time from
valid SRC_IN clocks until the time that stable clocks are output from the device (PLL Locked). If the PD# drive mode bit is
set to ‘1’, all the DIF outputs must driven to a voltage of >200 mV within 300 us of PD# de-assertion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com