Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DB803DGLF Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 9DB803DGLF
Description  EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB803DGLF Datasheet(HTML) 1 Page - Renesas Technology Corp

  9DB803DGLF Datasheet HTML 1Page - Renesas Technology Corp 9DB803DGLF Datasheet HTML 2Page - Renesas Technology Corp 9DB803DGLF Datasheet HTML 3Page - Renesas Technology Corp 9DB803DGLF Datasheet HTML 4Page - Renesas Technology Corp 9DB803DGLF Datasheet HTML 5Page - Renesas Technology Corp 9DB803DGLF Datasheet HTML 6Page - Renesas Technology Corp 9DB803DGLF Datasheet HTML 7Page - Renesas Technology Corp 9DB803DGLF Datasheet HTML 8Page - Renesas Technology Corp 9DB803DGLF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
DATASHEET
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
ICS9DB803D
IDT®
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
1
ICS9DB803D
REV N 071013
General Description
The ICS9DB803D is compatible with the Intel DB800v2
Differential Buffer Specification. This buffer provides 8
PCI-Express Gen2 clocks. The ICS9DB803D is driven by a
differential output pair from a CK410B+, CK505 or CK509B
main clock generator.
Recommended Application
DB800v2 compatible part with PCIe Gen1 and Gen2
Support
Output Features
• 8 - 0.7V current-mode differential output pairs
• Supports zero delay buffer mode and fanout mode
• Bandwidth programming available
• 50-100 MHz operation in PLL mode
• 50-400 MHz operation in Bypass mode
Features/Benefits
• Spread spectrum modulation tolerant, 0 to -0.5% down
spread and +/- 0.25% center spread
• Supports undriven differential outputs in PD# and
SRC_STOP# modes for power management
Key Specifications
• Outputs cycle-cycle jitter < 50ps
• Output to Output skew <50ps
• Phase jitter: PCIe Gen1 < 86ps peak to peak
• Phase jitter: PCIe Gen2 < 3.0/3.1ps rms
Functional Block Diagram
Note: Polarities shown are for OE_INV=0.
ST OP
LOGIC
SRC _IN
SRC _IN #
D IF(7:0))
CONT R OL
LOGIC
BYPASS#/PLL
SDAT A
SCLK
PD#
SPR EAD
COM PAT IBLE
PLL
8
IREF
OE_(7:0)
8
LOC K
SRC _ST OP#
HIGH_BW #
M
U
X


Similar Part No. - 9DB803DGLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9DB803DGLF RENESAS-9DB803DGLF Datasheet
426Kb / 23P
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
REV N 071013
9DB803DGLFT RENESAS-9DB803DGLFT Datasheet
426Kb / 23P
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
REV N 071013
More results

Similar Description - 9DB803DGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DB1200C IDT-9DB1200C Datasheet
155Kb / 14P
Twelve Output Differential Buffer for PCIe Gen1/Gen2, QPI, and FBDIMM
9DB1904B IDT-9DB1904B Datasheet
179Kb / 18P
19 Output Differential Buffer for PCIe Gen2 and QPI
ICS9DB102 IDT-ICS9DB102_10 Datasheet
187Kb / 13P
Two Output Differential Buffer for PCIe Gen1 & Gen2
logo
Renesas Technology Corp
9DB1200C RENESAS-9DB1200C Datasheet
298Kb / 15P
Twelve Output Differential Buffer for PCIe Gen1/Gen2, QPI, and FBDIMM
8/15/12
9DB1904B RENESAS-9DB1904B Datasheet
318Kb / 19P
19 Output Differential Buffer for PCIe Gen2 and QPI
04/19/11
9DB433 RENESAS-9DB433 Datasheet
431Kb / 18P
FOUR OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
MAY 25, 2018
9DB833 RENESAS-9DB833 Datasheet
407Kb / 19P
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
MAY 25, 2018
ICS9DB102 RENESAS-ICS9DB102 Datasheet
301Kb / 14P
Two Output Differential Buffer for PCIe Gen1 & Gen2
2019
ICS9DB423 RENESAS-ICS9DB423 Datasheet
512Kb / 21P
4-OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2, AND QPI
2019
ICS9DB823B RENESAS-ICS9DB823B Datasheet
482Kb / 23P
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2 AND QPI
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com