Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9FG108E Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS9FG108E
Description  FREQUENCY GENERATOR FOR CPU, QPI, FBD, PCIE GEN1/2 & SATA
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9FG108E Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS9FG108E Datasheet HTML 9Page - Renesas Technology Corp ICS9FG108E Datasheet HTML 10Page - Renesas Technology Corp ICS9FG108E Datasheet HTML 11Page - Renesas Technology Corp ICS9FG108E Datasheet HTML 12Page - Renesas Technology Corp ICS9FG108E Datasheet HTML 13Page - Renesas Technology Corp ICS9FG108E Datasheet HTML 14Page - Renesas Technology Corp ICS9FG108E Datasheet HTML 15Page - Renesas Technology Corp ICS9FG108E Datasheet HTML 16Page - Renesas Technology Corp ICS9FG108E Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ICS9FG108E
FREQUENCY GENERATOR FOR CPU, QPI, FBD, PCIE GEN1/2 & SATA
IDT®
FREQUENCY GENERATOR FOR CPU, QPI, FBD, PCIE GEN1/2 & SATA
13
ICS9FG108E
REV C 102912
DIF_STOP# - Assertion (transition from '1' to '0')
Asserting DIF_STOP# pin stops all DIF outputs that are set to be stoppable after their next transition. When the SMBus
DIF_STOP tri-state bit corresponding to the DIF output of interest is programmed to a '0', DIF output will stop DIF_True =
HIGH and DIF_Complement = LOW. When the SMBus DIF_STOP tri-state bit corresponding to the DIF output of interest is
programmed to a '1', DIF outputs will be tri-stated.
DIF_STOP# - De-assertion (transition from '0' to '1')
With the de-assertion of DIF_STOP# all stopped DIF outputs will resume without a glitch. The maximum latency from the
de-assertion to active outputs is 2 - 6 DIF clock periods. If the control register tristate bit corresponding to the output of
interest is programmed to '1', then the stopped DIF outputs will be driven High within 15nS of DIF_Stop# de-assertion to a
voltage greater than 200mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com