Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9FG1901 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS9FG1901
Description  Frequency Generator for P4™ CPU, PCI Express™ & Fully Buffered DIMM Clocks
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9FG1901 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS9FG1901 Datasheet HTML 1Page - Renesas Technology Corp ICS9FG1901 Datasheet HTML 2Page - Renesas Technology Corp ICS9FG1901 Datasheet HTML 3Page - Renesas Technology Corp ICS9FG1901 Datasheet HTML 4Page - Renesas Technology Corp ICS9FG1901 Datasheet HTML 5Page - Renesas Technology Corp ICS9FG1901 Datasheet HTML 6Page - Renesas Technology Corp ICS9FG1901 Datasheet HTML 7Page - Renesas Technology Corp ICS9FG1901 Datasheet HTML 8Page - Renesas Technology Corp ICS9FG1901 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
Integrated
Circuit
Systems, Inc.
ICS9FG1901
0962E—01/02/07
Pin Description (Continued)
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
37
OE9#
IN
Active low input for enabling DIF pair 9.
1 = tri-state outputs, 0 = enable outputs
38
DIF_9
OUT
0.7V differential true clock output
39
DIF_9#
OUT
0.7V differential complement clock output
40
OE10#
IN
Active low input for enabling DIF pair 10.
1 = tri-state outputs, 0 = enable outputs
41
DIF_10
OUT
0.7V differential true clock output
42
DIF_10#
OUT
0.7V differential complement clock output
43
OE11#
IN
Active low input for enabling DIF pair 11.
1 = tri-state outputs, 0 = enable outputs
44
DIF_11
OUT
0.7V differential true clock output
45
DIF_11#
OUT
0.7V differential complement clock output
46
GND
PWR
Ground pin.
47
VDD
PWR
Power supply, nominal 3.3V
48
OE12#
IN
Active low input for enabling DIF pair 12.
1 = tri-state outputs, 0 = enable outputs
49
DIF_12
OUT
0.7V differential true clock output
50
DIF_12#
OUT
0.7V differential complement clock output
51
OE13#
IN
Active low input for enabling DIF pair 13.
1 = tri-state outputs, 0 = enable outputs
52
DIF_13
OUT
0.7V differential true clock output
53
DIF_13#
OUT
0.7V differential complement clock output
54
OE14#
IN
Active low input for enabling DIF pair 14.
1 = tri-state outputs, 0 = enable outputs
55
DIF_14
OUT
0.7V differential true clock output
56
DIF_14#
OUT
0.7V differential complement clock output
57
OE15#
IN
Active low input for enabling DIF pair 15.
1 = tri-state outputs, 0 = enable outputs
58
DIF_15
OUT
0.7V differential true clock output
59
DIF_15#
OUT
0.7V differential complement clock output
60
OE16#
IN
Active low input for enabling DIF pair 16.
1 = tri-state outputs, 0 = enable outputs
61
DIF_16
OUT
0.7V differential true clock output
62
DIF_16#
OUT
0.7V differential complement clock output
63
VDD
PWR
Power supply, nominal 3.3V
64
GND
PWR
Ground pin.
65
DIF_17
OUT
0.7V differential true clock output
66
DIF_17#
OUT
0.7V differential complement clock output
67
DIF_18
OUT
0.7V differential true clock output
68
DIF_18#
OUT
0.7V differential complement clock output
69
OE17_18#
IN
Active low input for enabling DIF pairs 17 and 18.
1 = tri-state outputs, 0 = enable outputs
70
CLK_IN
IN
Input for reference clock.
71
CLK_IN#
IN
"Complementary" reference clock input.
72
SMB_A2_PLLBYP#
IN
SMBus address bit 2. When Low, the part operates as a fanout buffer with the
PLL bypassed. When High, the part operates as a zero-delay buffer (ZDB) with
the PLL operating.
0 = fanout mode (PLL bypassed), 1 = ZDB mode (PLL used)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com