Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9FG1901 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS9FG1901
Description  Frequency Generator for P4™ CPU, PCI Express™ & Fully Buffered DIMM Clocks
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9FG1901 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS9FG1901 Datasheet HTML 1Page - Renesas Technology Corp ICS9FG1901 Datasheet HTML 2Page - Renesas Technology Corp ICS9FG1901 Datasheet HTML 3Page - Renesas Technology Corp ICS9FG1901 Datasheet HTML 4Page - Renesas Technology Corp ICS9FG1901 Datasheet HTML 5Page - Renesas Technology Corp ICS9FG1901 Datasheet HTML 6Page - Renesas Technology Corp ICS9FG1901 Datasheet HTML 7Page - Renesas Technology Corp ICS9FG1901 Datasheet HTML 8Page - Renesas Technology Corp ICS9FG1901 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
Integrated
Circuit
Systems, Inc.
ICS9FG1901
0962E—01/02/07
Pin Description
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1
IREF
OUT
This pin establishes the reference current for the differential current-mode output
pairs. This pin requires a fixed precision resistor tied to ground in order to
establish the appropriate current. 475 ohms is the standard value.
2
GNDA
PWR
Ground pin for the PLL core.
3
VDDA/PD#
PWR
3.3V power for the PLL core that also functions as Power Down. Collapsing this
power supply places the device in Power Down mode.
4HIGH_BW#
IN
3.3V input for selecting PLL Band Width
0 = High, 1= Low
5FS_A_410
IN
3.3V tolerant low threshold input for CPU frequency selection. This pin requires
CK410 FSA. Refer to input electrical characteristics for Vil_FS and Vih_FS
threshold values.
6
DIF_0
OUT
0.7V differential true clock output
7
DIF_0#
OUT
0.7V differential complement clock output
8
DIF_1
OUT
0.7V differential true clock output
9
DIF_1#
OUT
0.7V differential complement clock output
10
GND
PWR
Ground pin.
11
VDD
PWR
Power supply, nominal 3.3V
12
DIF_2
OUT
0.7V differential true clock output
13
DIF_2#
OUT
0.7V differential complement clock output
14
DIF_3
OUT
0.7V differential true clock output
15
DIF_3#
OUT
0.7V differential complement clock output
16
DIF_4
OUT
0.7V differential true clock output
17
DIF_4#
OUT
0.7V differential complement clock output
18
OE_01234#
IN
Active low input for enabling DIF pairs 0, 1, 2, 3 and 4.
1 = tri-state outputs, 0 = enable outputs
19
SMBCLK
IN
Clock pin of SMBUS circuitry, 5V tolerant
20
SMBDAT
I/O
Data pin of SMBUS circuitry, 5V tolerant
21
OE5#
IN
Active low input for enabling DIF pair 5.
1 = tri-state outputs, 0 = enable outputs
22
DIF_5
OUT
0.7V differential true clock output
23
DIF_5#
OUT
0.7V differential complement clock output
24
OE6#
IN
Active low input for enabling DIF pair 6.
1 = tri-state outputs, 0 = enable outputs
25
DIF_6
OUT
0.7V differential true clock output
26
DIF_6#
OUT
0.7V differential complement clock output
27
VDD
PWR
Power supply, nominal 3.3V
28
GND
PWR
Ground pin.
29
OE7#
IN
Active low input for enabling DIF pair 7.
1 = tri-state outputs, 0 = enable outputs
30
DIF_7
OUT
0.7V differential true clock output
31
DIF_7#
OUT
0.7V differential complement clock output
32
OE8#
IN
Active low input for enabling DIF pair 8.
1 = tri-state outputs, 0 = enable outputs
33
DIF_8
OUT
0.7V differential true clock output
34
DIF_8#
OUT
0.7V differential complement clock output
35
SMB_A0
IN
SMBus address bit 0 (LSB)
36
SMB_A1
IN
SMBus address bit 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com