Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LP505-1 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ICS9LP505-1
Description  64-pin CK505 for Desktop Systems
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LP505-1 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ICS9LP505-1 Datasheet HTML 12Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 13Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 14Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 15Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 16Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 17Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 18Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 19Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
1112F—02/27/09
ICS9LP505-1
64-pin CK505 for Desktop Systems
IDT® 64-pin CK505 for Desktop Systems
16
Byte 5 Clock Request Enable/Configuration Register
Bit
Pin
Name
Description
Type
Default
7
CR#_A_EN
Enable CR#_A (clk req),
PCI0_OE must be = 1 for this bit to take effect
RW
0
6
CR#_A_SEL
Sets CR#_A to control either SRC0 or SRC2
RW
0
5
CR#_B_EN
Enable CR#_B (clk req)
RW
0
4
CR#_B_SEL
Sets CR#_B -> SRC1 or SRC4
RW
0
3
CR#_C_EN
Enable CR#_C (clk req)
RW
0
2
CR#_C_SEL
Sets CR#_C -> SRC0 or SRC2
RW
0
1
CR#_D_EN
Enable CR#_D (clk req)
RW
0
0
CR#_D_SEL
Sets CR#_D -> SRC1 or SRC4
RW
0
Byte 6 Clock Request Enable/Configuration and Stop Control Register
Bit
Pin
Name
Description
Type
Default
7
CR#_E_EN
Enable CR#_E (clk req) -> SRC6
RW
0
6
CR#_F_EN
Enable CR#_F (clk req) -> SRC8
RW
0
5
CR#_G_EN
Enable CR#_G (clk req) -> SRC9
RW
0
4
CR#_H_EN
Enable CR#_H (clk req) -> SRC10
RW
0
3
Reserved
Reserved
RW
0
2
Reserved
Reserved
RW
0
1
SSCD_STP_CRTL
(SRC1)
If set, SSCD (SRC1) stops with PCI_STOP#
RW
0
0
SRC_STP_CRTL
If set, SRCs (except SRC1) stop with PCI_STOP#
RW
0
Byte 7 Vendor ID/ Revision ID
Bit
Pin
Name
Description
Type
Default
7
Rev Code Bit 3
R
X
6
Rev Code Bit 2
R
X
5
Rev Code Bit 1
R
X
4
Rev Code Bit 0
R
X
3
Vendor ID bit 3
R
0
2
Vendor ID bit 2
R
0
1
Vendor ID bit 1
R
0
0
Vendor ID bit 0
R
1
Byte 8 Device ID and Output Enable Register
Bit
Pin
Name
Description
Type
Default
7
Device_ID3
R
0
6
Device_ID2
R
0
5
Device_ID1
R
0
4
Device_ID0
R
1
3
Reserved
Reserved
RW
0
2
Reserved
Reserved
RW
0
1
SE1_OE
Output enable for SE1
RW
0
0
SE2_OE
Output enable for SE2
RW
0
Byte 9 Output Control Register
Bit
Pin
Name
Description
Type
Default
7
PCIF5 STOP EN
Allows control of PCIF5 with assertion of PCI_STOP#
RW
0
6
TME_Readback
Truested Mode Enable (TME) strap status
R
0
5
REF Strength
Sets the REF output drive strength
RW
1
4
Test Mode Select
Allows test select, ignores REF/FSC/TestSel
RW
0
3
Test Mode Entry
Allows entry into test mode, ignores FSB/TestMode
RW
0
2
IO_VOUT2
IO Output Voltage Select (Most Significant Bit)
RW
1
1
IO_VOUT1
IO Output Voltage Select
RW
0
0
IO_VOUT0
IO Output Voltage Select (Least Significant Bit)
RW
1
Enable CR#_H
Disable CR#_H
Vendor ID
ICS is 0001, binary
Revision ID
Table of Device identifier codes, used for
differentiating between CK505 package options, etc.
See Device ID Table
-
-
Disabled
Disabled
Disable CR#_F
Enable CR#_F
Disable CR#_G
Enable CR#_G
0
1
Disable CR#_B
Enable CR#_B
Disable CR#_A
Enable CR#_A
CR#_A -> SRC0
CR#_A -> SRC2
CR#_B -> SRC4
Enable CR#_C
CR#_C -> SRC2
Enable CR#_D
Disable CR#_C
CR#_B -> SRC1
Disable CR#_E
Enable CR#_E
0
1
CR#_D -> SRC4
CR#_D -> SRC1
Disable CR#_D
CR#_C -> SRC0
Stops with
PCI_STOP#
Stops with
Free Running
Free Running
0
1
Vendor specific
0
1
Enabled
Enabled
-
-
0
1
Free running
Stops with
normal operation
no overclocking
1X (2Loads)
2X (3 Loads)
Outputs HI-Z
Outputs = REF/N
Test mode
Normal operation
See Table 3: V_IO Selection
(Default is 0.8V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com