Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS535 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ICS9LPRS535
Description  48-pin CK505 for Intel Systems
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS535 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ICS9LPRS535 Datasheet HTML 10Page - Renesas Technology Corp ICS9LPRS535 Datasheet HTML 11Page - Renesas Technology Corp ICS9LPRS535 Datasheet HTML 12Page - Renesas Technology Corp ICS9LPRS535 Datasheet HTML 13Page - Renesas Technology Corp ICS9LPRS535 Datasheet HTML 14Page - Renesas Technology Corp ICS9LPRS535 Datasheet HTML 15Page - Renesas Technology Corp ICS9LPRS535 Datasheet HTML 16Page - Renesas Technology Corp ICS9LPRS535 Datasheet HTML 17Page - Renesas Technology Corp ICS9LPRS535 Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
17
Integrated
Circuit
Systems, Inc.
ICS9LPRS535
Datasheet
1461A—07/28/09
Revision History
Rev.
Issue Date Description
Page #
0.1
3/10/2008
1. Intial release
0.2
4/23/2008
1. Updated SMBus, front page, block diagram and deleted page 5
1, 4, 12-13
0.3
5/7/2008
1. Corrected typo in CPU power management table. Wrong column heading
2. Corrected typo in PD# Power Management Table SE1 should be low when
B11b5 = 0
3. Corrected Byte 5 bit 0 to be NA when set to 0. SRC1 is not present.
4. Byte 6, bit 6 restored. CR_F# is present and can control SRC8
Various
0.4
7/7/2008
1. Corrected Power management table to remove the stop mode drive bits, which
do not exist in this device.
2. Updated Differential clock period table.
Various
0.5
7/10/2008
1. Updated pin names to reflect LPR output type. Pin descriptions updated too.
2. SMBus updated to indicate PCIe Gen2 status
Various
0.6
7/13/2009
1. Removed references to CR# inputs that do not exist in this part.
2. Clarified functionality of Byte 11, bit 5.
Various
0.7
7/21/2009
1. Lowered Idd values to reflect performance of the device.
A
7/28/2009
1. Moved to final
2. Added "Wake-on LAN Default" parameter to ordering info table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com