Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8124 Datasheet(PDF) 13 Page - Vitesse Semiconductor Corporation

Part # VSC8124
Description  Target Specification
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8124 Datasheet(HTML) 13 Page - Vitesse Semiconductor Corporation

Back Button VSC8124 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8124 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8124 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8124 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8124 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8124 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8124 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8124 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC8124 Datasheet HTML 17Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 13
2/23/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Target Specification
VSC8124
2.488 Gb/s Quad
Data Re-timer
G52271-0, Rev. 1.14
Table 10: Package Pin Identification
Signal
Pin
I/O
Level
Pin Description
VCC
1
PWR
+3.3V
REV
2
O
ANALOG
Do not connect
VEE
3
PWR
GND
SDAT3+
4
I
CML
High speed data input
VTERM3 1
5
PWR
VTERM
SDAT3-
6
I
CML
High speed data input
VEE
7
PWR
GND
VCC
8
PWR
+3.3V
SDAT2+
9
I
CML
High speed data input
VTERM2 1
10
PWR
VTERM
SDAT2-
11
I
CML
High speed data input
VEE
12
PWR
GND
VCC
13
PWR
+3.3V
VCC
14
PWR
+3.3V
SDAT1+
15
I
CML
High speed data input
VTERM1 1
16
PWR
VTERM
SDAT1-
17
I
CML
High speed data input
VCC
18
PWR
+3.3V
VEE
19
PWR
GND
SDAT0+
20
I
CML
High speed data input
VTERM0 1
21
PWR
VTERM
SDAT0-
22
I
CML
High speed data input
VCC
23
PWR
+3.3V
VEE
24
PWR
GND
VCC
25
PWR
+3.3V
VCC
26
PWR
+3.3V
VEE
27
PWR
GND
VCC
28
PWR
+3.3V
TEST29
29
I
TTL
Do not connect
TEST30
30
I
TTL
Do not connect
VEE
31
PWR
GND
RDAT0+
32
O
CML
Retimed data output
NC
33
-
NC
RDAT0-
34
O
CML
Retimed data output
VCCA1 2
35
PWR
+3.3V
VEEA1 2
36
PWR
GND
RDAT1+
37
O
CML
Retimed data output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com