Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8124 Datasheet(PDF) 3 Page - Vitesse Semiconductor Corporation

Part # VSC8124
Description  Target Specification
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8124 Datasheet(HTML) 3 Page - Vitesse Semiconductor Corporation

  VSC8124 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8124 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8124 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8124 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8124 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8124 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8124 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8124 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8124 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 3
2/23/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Target Specification
VSC8124
2.488 Gb/s Quad
Data Re-timer
G52271-0, Rev. 1.14
Functional Description
Reference Clock
A clean reference clock should be provided to meet jitter specifications. An arbitrary discontinuity in refer-
ence clock phase can be tolerated without data error at slightly reduced jitter tolerance. (See Table 1) Phase
changes must not occur more often than every 20
µs. Serial data transition density must average
for that
period. Two reference clock input ports are provided. The REFSEL pin selects the active port. When REFSEL
is not driven, it floats low, selecting REFCK0. Changing REFSEL implies a phase change.
Clock Recovery
The incoming serial data on each channel is presented to a clock recovery and data re-timing circuit. For
each channel, a phase detector and low pass filter force a local clock to track the average phase of the incoming
serial data. The low pass filter is first order to prevent jitter peaking in cascaded devices.
Figure 1: Serial Input Data Eye Diagram
Table 1: Serial Input Data Specification
NOTE: 1) Jitter tolerance is measured at worst case power supply and temperature, using 155.52 MHz clean reference clock
(REFCK to meet 2.0 ps RMS jitter at less than 10 Mhz in bandwidth), and 600mV swing differential PRBS data
with150ps maximum rise time.
2) Jitter tolerance and re-timed data jitter are degraded in FASTLOCK mode.
3) Reference clock frequency tolerance:
∆f <= 100 ppm
4) Jitter tolerance specifications do not apply in re-timer bypass mode.
Parameter
Description
Min
Typ
Max
Units
Conditions
JT
Jitter tolerance
220
-
-
ps
Normal Operation
JT
Jitter tolerance
150
170
-
ps
Fast Lock Mode
JT
Jitter tolerance
190
210
-
ps
Within 20
µs after
REFCLK phase
change
Period
-
401.88
-
ps
0.5
≥
JT
Eye Opening
Period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com