Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGE Datasheet(PDF) 2 Page - ITT Industries

Part # CGE
Description  High Power Connectors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CGE Datasheet(HTML) 2 Page - ITT Industries

  CGE Datasheet HTML 1Page - ITT Industries CGE Datasheet HTML 2Page - ITT Industries CGE Datasheet HTML 3Page - ITT Industries CGE Datasheet HTML 4Page - ITT Industries CGE Datasheet HTML 5Page - ITT Industries CGE Datasheet HTML 6Page - ITT Industries CGE Datasheet HTML 7Page - ITT Industries CGE Datasheet HTML 8Page - ITT Industries CGE Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CGE
2
Dimensions are mm (inches)
Subject to changes
Contents
Introduction .......................................... 2
Connector Design .............................. 2
How to order ....................................... 3
Mateability ......................................... 3
Polarization ........................................... 3
Technical Data ...................................... 4
Panel Cut-Outs ..................................... 5
Connector Dimensions .......................... 6
Accessories ........................................... 9
Contacts and Tools ............................... 10
Product Safety Information .................. 11
Introduction
The Cannon CGE connectors are designed
to transmit very high current at low
voltage, as for example in the electrical
equipment of military land- and sea-borne
vehicles and in industrial applications. The
connectors meet the mating dimensions,
mechanical features and rear panel
installation requirements of VG 95234.
Ultraflexible shielded welding cables acc
to MTV 6145-005 are terminated to the
connectors.
Connector Design
The high power connectors CGE feature
one contact in a two-piece rigid insulator.
The aluminum shell has a chromate finish
over cadmium. The operating temperature
ranges from –55 to 125
°C.
The contacts made of copper or a copper
alloy with hard silver finish are designed
for crimping or termination to solid copper
conductors with threaded bolts. The
mechanical durability is a minimum of 500
mating cycles. The crimp contacts accept
wires according to DIN 46438 (25 – 240
mm2). Contact retention is achieved by the
two-piece insulator which is fixed to the
shell with a snap-in ring. This allows
unlimited exchange of the crimp contacts.
The bayonet coupling assures fast and
reliable mating and unmating. Audible
snap-in and colour-coded snap-in points
indicate positive mating. Plugs and
receptacles are waterproof in mated
condition up to 1 bar (35 feet of water).
O-Ring
Shell
Insulator
Cylindrical
O-Ring
Insulator
Spring ring
Contact
Contact
Contact
front side
rear side
Spring ring
Insulator
O-Ring
Spring
Insulator
Barrel assembly
Contact
contact
Contact
rear side
front side
Connector Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com