Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGE Datasheet(PDF) 3 Page - ITT Industries

Part # CGE
Description  High Power Connectors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CGE Datasheet(HTML) 3 Page - ITT Industries

  CGE Datasheet HTML 1Page - ITT Industries CGE Datasheet HTML 2Page - ITT Industries CGE Datasheet HTML 3Page - ITT Industries CGE Datasheet HTML 4Page - ITT Industries CGE Datasheet HTML 5Page - ITT Industries CGE Datasheet HTML 6Page - ITT Industries CGE Datasheet HTML 7Page - ITT Industries CGE Datasheet HTML 8Page - ITT Industries CGE Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CGE
3
CGE 6 E 32 H 24 F W B *
Series
Cannon Designation
Shell style
0 - wall mounting receptacle with flange
1 - cable connecting plug
2 - box mounting receptacle with flange
6 - straight plug
8 - plug 90
°
9 - bulkhead
Class
E - environmental, JP07 acc to DIN 40050
Shell size
16 - 18 - 22 - 28 - 32
Contact arrangement
16H2 - shell size 16, 1 contact H2
18H5 - shell size 18, 1 contact H5
22H9 - shell size 22, 1 contact H9
28H15 - shell size 28, 1 contact H15
32H24 - shell size 32, 1 contact H24
Contact size
H2 - 25 mm2
H5 - 50 mm2
H15 - 150 mm2
H24 - 240 mm2
Contact type
F - spring contact
Z - cylindrical contact
Keyway polarization
W - 120
°
Bayonet coupling
Modification
05 - through-holes in flange
03 - adapter for heat shrink boots, metric crimp contact
04 - rear panel mounting, threaded holes, metric crimp contact
04-05 - same as -04, however, with through-holes
14 - shielded version, metric crimp contact
16 - thread bolt termination, front panel mounting, O ring for sealing
between wall and receptacle (for CGE2EB only)
How to order
Mateability
Receptacles and cable connecting plugs mate with
Plugs, straight / 90
°
CGE2E-B04, CGE-B-04-05
CGE6E-B-03
CGE2E-B-16
CGE6E-B-14
CGE0E-B-03, CGE-B-05-05
CGE8E-B-03
CGE1E-B-03
CGE8E-B-14
Polarization
To avoid mismating of identic connectors
the keyways of CGE connectors are avail-
able in two different positions:
Standard position
= 180
°
Position W
= 120
°
Keyway positions of receptacles
and cable connecting plugs
Keyway positions of straight and 90
°plugs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com