Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTC-1010-R2003 Datasheet(PDF) 2 Page - AAEON Technology

Part # RTC-1010-R2003
Description  10.1" Rugged Tablet Features Intel N3350 / N4200 Processor With Windows® 10
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

RTC-1010-R2003 Datasheet(HTML) 2 Page - AAEON Technology

  RTC-1010-R2003 Datasheet HTML 1Page - AAEON Technology RTC-1010-R2003 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
01-6
0
2
Note: All specifications are subject to change without notice.
www.aaeon.com
Dimension
Unit: mm
RTC-1010
Optional Accessories
Ordering Information
Packing List
Part Number
CPU
OS
LCD
Display
Touch
Screen
System
Memory
Storage
Expansion I/O
Sensor
WiFi/
Bluetooth
Navigation
LTE
Bands
(MHz)
Camera
2D
Barcode
Scanner
NFC
Battery
Power
RTC-
1010-R2004
N3350
Windows 10
IOT
10.1"
300 nits
PCT
10 points
DDR3L
4GB
eMMC
64GB
Micro-HDMI port x 1, SIM card slot x 1, Micro-SD card slot x
1, Audio jack x 1, USB 3.0 x 2 (USB Type-C x 1), USB 2.0 x 2
DC-in jack x 1
G-sensor
E-compass
Gyro-sensor
Light-sensor"
802.11 b/g/n
+ BT5.1
N/A
N/A
Front: 2MP
N/A
N/A
32.7W
DC12V
RTC-
1010-R2005
N3350
Windows 10
IOT
10.1"
300 nits
PCT
10 points
DDR3L
4GB
eMMC
64GB
Micro-HDMI port x 1, SIM card slot x 1, Micro-SD card slot x
1, Audio jack x 1, USB 3.0 x 2 (USB Type-C x 1), USB 2.0 x 2,
DC-in jack x 1, RS-232/422/485 COM Port x 1, 10/100/1000
Base-T RJ45 x 1
"G-sensor
E-compass
Gyro-sensor
Light-sensor"
802.11 b/g/n
+ BT5.1
GPS / Galileo /
GLONASS
N/A
"Front: 2MP
Rear: 8MP w/
Flash"
N/A
N/A
32.7W +
11.3W
DC12V
RTC-
1010-R2001
N3350
Windows 10
IOT
10.1"
300 nits
PCT
10 points
DDR3L
4GB
eMMC
64GB
Micro-HDMI port x 1, SIM card slot x 1, Micro-SD card slot x
1, Audio jack x 1, USB 3.0 x 2 (USB Type-C x 1), USB 2.0 x 2
DC-in jack x 1, RS-232/422/485 COM Port x 1, 10/100/1000
Base-T RJ45 x 1
G-sensor
E-compass
Gyro-sensor
Light-sensor
802.11 b/g/n
+ BT5.1
GPS / Galileo /
GLONASS
N/A
"Front: 2MP
Rear: 8MP w/
Flash"
Yes
Yes
32.7W +
11.3W
DC12V
RTC-
1010-R2003
N4200
Windows 10
IOT
10.1"
300 nits
PCT
10 points
DDR3L
4GB
eMMC
64GB
Micro-HDMI port x 1, SIM card slot x 1, Micro-SD card slot x
1, Audio jack x 1, USB 3.0 x 2 (USB Type-C x 1), USB 2.0 x 2,
DC-in jack x 1, RS-232/422/485 COM Port x 1, 10/100/1000
Base-T RJ45 x 1
G-sensor
E-compass
Gyro-sensor
Light-sensor
802.11 b/g/n
+ BT5.1
GPS / Galileo /
GLONASS
N/A
"Front: 2MP
Rear: 8MP w/
Flash"
Yes
Yes
32.7W +
11.3W
DC12V
RTC-1010-
RH2005
N3350
Windows 10
IOT
10.1"
800 nits
PCT
10 points
DDR3L
4GB
eMMC
64GB
Micro-HDMI port x 1, SIM card slot x 1, Micro-SD card slot x
1, Audio jack x 1, USB 3.0 x 2 (USB Type-C x 1), USB 2.0 x 2,
DC-in jack x 1, RS-232/422/485 COM Port x 1, 10/100/1000
Base-T RJ45 x 1
G-sensor
E-compass
Gyro-sensor
Light-sensor
"802.11 b/g/n
+ BT5.1"
GPS / Galileo /
GLONASS
N/A
"Front: 2MP
Rear: 8MP w/
Flash"
N/A
N/A
32.7W +
11.3W
DC12V
RTC-1010-
RH2003
N4200
Windows 10
IOT
10.1"
800 nits
PCT
10 points
DDR3L
4GB
eMMC
64GB
Micro-HDMI port x 1, SIM card slot x 1, Micro-SD card slot x
1, Audio jack x 1, USB 3.0 x 2 (USB Type-C x 1), USB 2.0 x 2,
DC-in jack x 1, RS-232/422/485 COM Port x 1, 10/100/1000
Base-T RJ45 x 1
G-sensor
E-compass
Gyro-sensor
Light-sensor
802.11 b/g/n
+ BT5.1
GPS / Galileo /
GLONASS
N/A
"Front: 2MP
Rear: 8MP w/
Flash"
Yes
Yes
32.7W +
11.3W
DC12V
• RDS-411-000
Docking Station, W/O Stand
• RDS-411-001
Docking Station, W/ Stand
• RBC-1200-000
4-bay Battery Charger
• RTC-1010-HS-000
Hand Strap
• RTC-1010-SB-000
Shoulder Belt, 2 Points
• RTC-1200BAT01-000
Battery Pack, 14.4V, 2270mAh , 2 pcs/Box
• 1255900363
DC-To-DC Power Adaptor, Flying Wires
• 1255900364
DC-To-DC Power Adaptor, Cigarette Plug
• 1702031802
Power Cord for US
• 1702031803
Power Cord for EU
• 170203180J
Power Cord for UK
• 170203180E
Power Cord for Japan
• RTC-1010
• 1255300365
AC-To-DC Power Adaptor, 12V, 36W
272.00
30.81
20.40
*Power cord must be purchased separately.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com