Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTC-1010-R2003 Datasheet(PDF) 1 Page - AAEON Technology

Part # RTC-1010-R2003
Description  10.1" Rugged Tablet Features Intel N3350 / N4200 Processor With Windows® 10
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

RTC-1010-R2003 Datasheet(HTML) 1 Page - AAEON Technology

  RTC-1010-R2003 Datasheet HTML 1Page - AAEON Technology RTC-1010-R2003 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
01-5
0
2
Note: All specifications are subject to change without notice.
www.aaeon.com
Features
Specifications
10.1" Rugged Tablet Features Intel N3350 / N4200 Processor With Windows® 10
RTC-1010
■ 10.1" WXGA (1280 x 800) 800-nit / 300-nit TFT LCD
■ Intel® Celeron™ N3350 1.1GHz Dual Core Up to 2.4GHz (N4200
Optional)
■ Onboard DDR3L Memory, 4GB (Default) / 8GB
■ eMMC 64GB (Up to 256GB, Optional)
■ WiFi 802.11b/g/n, Bluetooth 5.1, LTE (Optional)
■ 2MP Front and 8MP Rear Camera
■ RS-232/422/485 COM Port + 10/100/1000 Base-T RJ45
■ USB 3.2 Gen 1 x 2 (USB Type-C x 1), USB 2.0 x 2
■ 2D Barcode Scanner & Smart Card Reader / HF RFID (NFC) Reader
(Optional)
■ Up to 3 GNSS, GPS + Galileo (Default), GLONASS, BeiDou (Optional)
■ One Hot-swappable Battery + Internal Battery, Up to 44W Battery
Capacity
■ MIL-STD-810G, IP65 Compliant, Drop 122cm
■ Programmable Function Key: F0, F1, F2, F3, Volume Up/Down, With
LED Illumination
■ Windows® 10 IOT
Hot-swappable
Battery
USB 2.0 x 2
Docking Connector
Kensington Lock
2D Barcode Scanner
DC-in jack
USB 3.2 Gen 1 x 2 (Type-C x 1)
Audio Jack
Micro-HDMI Port
SIM Card Slot
Micro-SD Card Slot
8MP Rear Camera
Mini-card Slot (For LTE)
Flash
HF RFID
2MP Front Camera
Light Sensor
Function Key x 6
Power Button
Smart Card Reader (Optional,
Without IP Protection)
COM Port
GbE
System Architecture
Processor
Intel® Celeron™ N3350 1.1GHz Dual core up to 2.4GHz
Intel® Pentium™ N4200 1.1GHz Quad core up to 2.5GHz
Operating System
Windows® 10 IOT Enterprise SAC
Memory
Onboard DDR3L 4GB (Default) / 8GB
Storage
eMMC 64GB (Up to 256GB, Optional)
Display
10.1" WXGA (1280x800) 800-nit / 300-nit TFT LCD
With Projected Capacitive Multi-Touch Screen
I/O Port
Micro-HDMI port x 1
SIM card slot x 1
Micro-SD card slot x 1
Audio jack x 1 (3.5mm)
USB 3.2 Gen 1 x 2 (USB Type-C x 1), USB 2.0 x 2
DC-in jack x 1
RS-232/422/485 COM Port x 1
10/100/1000 Base-T RJ45 x 1
Smart card reader x 1 (Optional, Without IP protection)
Communication
Wi-Fi 802.11 b/g/n, Bluetooth v5.1 (EDR + BLE), Intel AC9260
Navigation
Up to 3 GNSS, GPS + Galileo (Default), GLONASS, BeiDou (Optional)
WWAN(optional)
LTE via mini-card slot (Optional)
Camera
2MP front camera
8MP rear camera with flash
Sensor
G-sensor, E-compass, Gyro-sensor, Light-sensor
Expansion Slot
Inside M.2 slot x 1 (For WiFi module)
Mini-card slot x 1 (For LTE module)
Docking connector: USB 2.0 x 1
Barcode Scanner (Optional)
2D Barcode scanner, OPTICON MDI-4100-USB (Optional)
HF RFID (Optional)
ISO 15693 (R/W), ISO 18092 (R/W), ISO 14443-A (R/W), ISO 14443-B (Only
Read UID), Depend on card type
Audio
Speaker x 1
Physical Key
F0 or Windows (Windows Start Key), F1 (BCR Trigger Butten (When BCR is
enabled)), F2 (Screenprint), F3 (Ctrl+Alt+Del as Soft Reboot), Volume Up
(Speaker Volume Up), Volume Down (Speaker Volume Down)
Mechanical
Color
Black & Dark Grey
Dimension (W x H x D)
10.71" x 7.48" x 0.80" (272.0 x 190.0 x 20.4 mm)
Gross Weight
1.0 Kg (2.2 lb) based on configurations
Environmental
Operating Temperature
-4°F ~ 122°F (-20°C ~ 50°C)
Storage Temperature
-67°F ~ 158°F (-55°C ~ 70°C)
Humidity
0% ~ 90% relative humidity, non-condensing
Environmental Sealing
IP65
Vibration
MIL-STD-810G-514.6 Procedure I Cat.24, Fig 514.6E-1 & 514.6E-2 (Unit is
non-operating)
ASTM 4169-99 Truck Assurance Level II, Schedule E (Unit is non-operating)
Drop
MIL-STD-810G-516.6, Procedure IV
Drop height: 122 cm
Number of Drop: 26 times, for all surfaces, edges and corners
Condition: Based on 2“ plywood over concrete
Shock
—
ESD
Air charge: +/- 8KV, Contact charge: +/- 4KV
Certifications and Standards
UL60950-1, CE, FCC
Power Supply
AC / DC Adapter
AC 100 ~ 240 V, 50 ~ 60 Hz, Output: 12V/ 3A/ 36W
Battery Life
Li-ion Battery 8-hour battery life based on test configurations
Master Battery
Hot-swappable battery: 14.4V, 2270mAh, 32.7W
Slave Battery
7.4V, 1530mAh, 11.3W
Display
LCD
10.1” TFT-LCD Display
Resolution
1280 x 800
Maximum Color
16.7M
Dot Size
0.1692 (H) x 0.1692 (V) mm
Brightness
300 nits (800 nits, Optional)
Viewing Angle
Horizontal: 170°, Vertical: 170° (Typical)
Touch Screen
Touch Type
Projected Capacitive Multi-Touch Screen (PCT)
Light Transmission
Min. 85%
USB 3.2 Gen 1
2022/12/07


Similar Part No. - RTC-1010-R2003

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
RTC-1010-M2002 AAEON-RTC-1010-M2002 Datasheet
477Kb / 2P
10.1" Semi-rugged Tablet Features Intel® N3350 / N4200 Processor With Windows® 10
2023/03/27
RTC-1010-M2003 AAEON-RTC-1010-M2003 Datasheet
477Kb / 2P
10.1" Semi-rugged Tablet Features Intel® N3350 / N4200 Processor With Windows® 10
2023/03/27
RTC-1010-VMP-000 AAEON-RTC-1010-VMP-000 Datasheet
201Kb / 1P
VESA Mount Plate for RTC-1010M
More results

Similar Description - RTC-1010-R2003

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
GENE-APL7 AAEON-GENE-APL7 Datasheet
527Kb / 2P
3.5” SubCompact Board with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
2022/12/27
logo
BCM Advanced Research.
CAXA0 BCM-CAXA0 Datasheet
606Kb / 2P
10.1” Semi-Rugged Tablet with Intel® Celeron® N3350 Processor
2021/08/20
logo
AAEON Technology
ACP-1106 AAEON-ACP-1106 Datasheet
630Kb / 2P
10.1” WXGA Multi-Touch Panel PC With Intel® Pentium® N4200/ Celeron® N3350 Processor, 4 GB RAM
2022/11/04
BOXER-6616 AAEON-BOXER-6616 Datasheet
579Kb / 2P
Fanless Embedded Box PC with Intel® Celeron® Processor N3350/N4200
2023/05/24
logo
BCM Advanced Research.
EPC-APL BCM-EPC-APL Datasheet
394Kb / 1P
Intel® Pentium® N4200/ Celeron® N3350 Processor Fanless Tiny System
07/25/2018
logo
AAEON Technology
RTC-1010M AAEON-RTC-1010M Datasheet
477Kb / 2P
10.1" Semi-rugged Tablet Features Intel® N3350 / N4200 Processor With Windows® 10
2023/03/27
RTC-1200 AAEON-RTC-1200 Datasheet
900Kb / 2P
11.6" Rugged Tablet Features Intel Kaby Lake Up To 3.9 GHz Dual Core Processor with Windows® 10
2022/12/07
RTC-710AP AAEON-RTC-710AP Datasheet
521Kb / 2P
7" Rugged Tablet Features Intel® N3350 / N4200 Processor with Windows® 10
2023/01/03
logo
Advantech Co., Ltd.
AIM-68 ADVANTECH-AIM-68 Datasheet
1Mb / 7P
10.1" Industrial Tablet with Intel® Atom™ Processor
15-May-2018
AIM-68 ADVANTECH-AIM-68_V01 Datasheet
1Mb / 7P
10.1" Industrial Tablet with Intel® Atom™ Processor
16-May-2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com