Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC850 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # MPC850
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC850 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button MPC850 Datasheet HTML 36Page - NXP Semiconductors MPC850 Datasheet HTML 37Page - NXP Semiconductors MPC850 Datasheet HTML 38Page - NXP Semiconductors MPC850 Datasheet HTML 39Page - NXP Semiconductors MPC850 Datasheet HTML 40Page - NXP Semiconductors MPC850 Datasheet HTML 41Page - NXP Semiconductors MPC850 Datasheet HTML 42Page - NXP Semiconductors MPC850 Datasheet HTML 43Page - NXP Semiconductors MPC850 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 242 page
background image
Functional Description
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
FIGURE 4-4 SDRAM Connection Scheme
4•8•1
SDRAM Programming
After power-up, the sdram needs to be initialized by means of programming, to establish its mode of
operation. Sdram is programmed by issuing a Mode Register Set command. During that command
data is passed to the Mode Register through the sdram’s address lines. This command is fully sup-
ported by the UPM by means of a dedicated Memory Address Register and a UPM command run
option.
Mode Register programming values are shown in TABLE 4-7. "SDRAM’s Mode Register Program-
CS
RAS
CAS
W
A11
A10
A(9:8)
A(7:0)
CKE
CLK
DQMU
DQML
DQ(15:0)
CS
RAS
CAS
W
A11
A10
A(9:8)
A(7:0)
CKE
CLK
DQMU
DQML
DQ(15:0)
CS4
GPL1
GPL2
GPL3
GPL0
SDRAMEN
SYSCLK
D(0:15)
D(16:31)
BS0_B
BS1_B
BS2_B
BS3_B
A(22:29)
A(20:21)
A10
(A11)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com