Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC850 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MPC850
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC850 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MPC850 Datasheet HTML 9Page - NXP Semiconductors MPC850 Datasheet HTML 10Page - NXP Semiconductors MPC850 Datasheet HTML 11Page - NXP Semiconductors MPC850 Datasheet HTML 12Page - NXP Semiconductors MPC850 Datasheet HTML 13Page - NXP Semiconductors MPC850 Datasheet HTML 14Page - NXP Semiconductors MPC850 Datasheet HTML 15Page - NXP Semiconductors MPC850 Datasheet HTML 16Page - NXP Semiconductors MPC850 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 242 page
background image
Hardware Preparation and Installation
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
FIGURE 2-6 Stand Alone Configuration
2•4•4
+5V Power Supply Connection
The MPC8XXFADS requires +5 Vdc @ 5 A max, power supply for operation. Connect the +5V power
supply to connector P6 as shown below:
FIGURE 2-7 P6: +5V Power Connector
P6 is a 3 terminal block power connector with power plug. The plug is designed to accept 14 to 22
AWG wires. It is recommended to use 14 to 18 AWG wires. To provide solid ground, two Gnd
terminals are supplied. It is recommended to connect both Gnd wires to the common of the power
supply, while VCC is connected with a single wire.
NOTE
Since hardware applications may be connected to the
MPC8XXFADS via the Daughter-Boards’ expansion
connectors PX1, PX2 PX3, PX4 or FADS’s P8, the
additional power consumption should be taken into
consideration when a power supply is connected to the
MPC8XXFADS.
2•4•5
P7: +12V Power Supply Connection
The MPC8XXFADS requires +12 Vdc @ 1 A max, power supply for the PCMCIA channel Flash
programming capability or for 12V programmable Flash SIMM. The MPC8XXFADS can work properly
without the +12V power supply, if there is no need to program either a 12V programmable PCMCIA
flash card or a 12V programmable Flash SIMM.
Connect the +12V power supply to connector P7 as shown below:
Host
Computer
5V Power Supply
I/R
P6
P1
P6
+5V
GND
GND
1
2
3
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com