Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8347E Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # MPC8347E
Description  Integrated Host Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347E Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button MPC8347E Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 108 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
73
Table 52 provides the pin-out listing for the MPC8347EA, 620 PBGA package.
MVREF1
M3
I
DDR
Reference
Voltage
MVREF2
AD2
I
DDR
Reference
Voltage
No Connection
NC
W32, AA31, AA32, AA33, AA34, AB31,
AB32, AB33, AB34, AC29, AC31, AC33,
AC34, AD30, AD32, AD33, AD34, AE29,
AE30, AH32, AH33, AH34, AM33, AJ31,
AJ32, AJ33, AJ34, AK32, AK33, AK34,
AM34, AL33, AL34, AK31, AH30, AC32,
AE32, AH31, AL32, AG34, AE33, AF32,
AE34, AF34, AF33, AG33, AG32, AL11,
AM11, AP10, Y32, Y34, Y31, Y33
——
Notes:
1. This pin is an open-drain signal. A weak pull-up resistor (1 k
Ω) should be placed on this pin to OV
DD
2. This pin is an open-drain signal. A weak pull-up resistor (2–10 k
Ω) should be placed on this pin to OV
DD.
3. During reset, this output is actively driven rather than three-stated.
4. These JTAG pins have weak internal pull-up P-FETs that are always enabled.
5. This pin should have a weak pull-up if the chip is in PCI host mode. Follow the PCI specifications.
6. This pin must always be tied to GND
7. This pin must always be pulled up to OVDD
8. This pin must always be left not connected.
9. Thermal sensitive resistor.
10. It is recommended that MDIC0 be tied to GRD using an 18
Ω resistor and MDIC1 be tied to DDR power using an 18 Ω
resistor.
Table 55. MPC8347EA (PBGA) Pinout Listing
Signal
Package Pin Number
Pin Type
Power
Supply
Notes
PCI
PCI1_INTA/IRQ_OUT
D20
O
OVDD
2
PCI1_RESET_OUT
B21
O
OVDD
PCI1_AD[31:0]
E19, D17, A16, A18, B17, B16, D16, B18,
E17, E16, A15, C16, D15, D14, C14, A12,
D12, B11, C11, E12, A10, C10, A9, E11,
E10, B9, B8, D9, A8, C9, D8, C8
I/O
OVDD
PCI1_C/BE[3:0]
A17, A14, A11, B10
I/O
OVDD
Table 54. MPC8347EA (TBGA) Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com