Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8347E Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # MPC8347E
Description  Integrated Host Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347E Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button MPC8347E Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 108 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
85
Clocking
Table 58 provides the operating frequencies for the MPC8347EA PBGA under recommended operating
conditions.
Table 57. Operating Frequencies for TBGA
Characteristic 1
1
The CLKIN frequency, RCWL[SPMF], and RCWL[COREPLL] settings must be chosen so that the resulting csb_clk, MCLK,
LCLK[0:2], and core_clk frequencies do not exceed their respective maximum or minimum operating frequencies. The value
of SCCR[ENCCM], SCCR[USBDRCM]and SCCR[USBMPHCM] must be programmed so that the maximum internal operating
frequency of the Security core and USB modules does not exceed the respective values listed in this table.
533 MHz
667 MHz
Unit
e300 core frequency (core_clk)
266–533
266–667
MHz
Coherent system bus frequency
(csb_clk)
100–266
100–333
MHz
DDR and DDR2 memory bus frequency
(MCLK) 2
2
The DDR data rate is 2x the DDR memory bus frequency.
100–200
100–200
MHz
Local bus frequency
(LCLKn) 3
3
The local bus frequency is 1/2, 1/4, or 1/8 of the lbiu_clk frequency (depending on LCCR[CLKDIV]) which is in turn 1x or 2x
the csb_clk frequency (depending on RCWL[LBIUCM]).
16.67–133
16.67–133
MHz
PCI input frequency (CLKIN or PCI_CLK)
25–66
25–66
MHz
Security core maximum internal operating frequency
133
166
MHz
USB_DR, USB_MPH maximum internal operating frequency
133
166
MHz
Table 58. Operating Frequencies for PBGA
Characteristic 1
1
The CLKIN frequency, RCWL[SPMF], and RCWL[COREPLL] settings must be chosen so that the resulting csb_clk, MCLK,
LCLK[0:2], and core_clk frequencies do not exceed their respective maximum or minimum operating frequencies. The value
of SCCR[ENCCM], SCCR[USBDRCM]and SCCR[USBMPHCM] must be programmed so that the maximum internal operating
frequency of the Security core and USB modules does not exceed the respective values listed in this table.
266 MHz
333 MHz
400 MHz
Unit
e300 core frequency (core_clk)
200–266
200–333
200–400
MHz
Coherent system bus frequency (csb_clk)
100–266
MHz
DDR memory bus frequency (MCLK) 2
2
The DDR data rate is 2x the DDR memory bus frequency.
100–133
MHz
Local bus frequency (LCLKn) 3
3
The local bus frequency is 1/2, 1/4, or 1/8 of the lbiu_clk frequency (depending on LCCR[CLKDIV]) which is in turn 1x or 2x
the csb_clk frequency (depending on RCWL[LBIUCM]).
16.67–133
MHz
PCI input frequency (CLKIN or PCI_CLK)
25–66
MHz
Security core maximum internal operating frequency
133
MHz
USB_DR, USB_MPH maximum internal operating
frequency
133
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com