Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT1232LP Datasheet(PDF) 14 Page - Catalyst Semiconductor

Part # CAT1232LP
Description  Catalyst Semiconductor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1232LP Datasheet(HTML) 14 Page - Catalyst Semiconductor

Back Button CAT1232LP Datasheet HTML 10Page - Catalyst Semiconductor CAT1232LP Datasheet HTML 11Page - Catalyst Semiconductor CAT1232LP Datasheet HTML 12Page - Catalyst Semiconductor CAT1232LP Datasheet HTML 13Page - Catalyst Semiconductor CAT1232LP Datasheet HTML 14Page - Catalyst Semiconductor CAT1232LP Datasheet HTML 15Page - Catalyst Semiconductor CAT1232LP Datasheet HTML 16Page - Catalyst Semiconductor CAT1232LP Datasheet HTML 17Page - Catalyst Semiconductor CAT1232LP Datasheet HTML 18Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Visit our website for samples, data sheets, and additional product information.
12
ALO
GENFR
TM
LEAD FREE
CAT9554 / CAT9554A — 8-bit I2C and SMBus I/O Port Expander with Interrupt
CAT9555 — 16-bit I2C and SMBus I/O Port Expander with Interrupt
i 2 c a n d s m b u s i / o p o r t e x p a n d e r s
Features
■
low stand-by current
■
0 to 400 kHz clock frequency
■
2.3 V to 5.5 V operation
■
5 V tolerant I/Os
CAT9534 / CAT9535
8-bit / 16-bit I2C and SMBus Low Power I/O Port expander with Interrupt
■
active low interrupt output
■
internal power-on reset
■
noise filter on SCL/SDA inputs
Package Information
■
16-pin SOIC & 16-pin TSSOP (CAT9534),24-pin SOIC (CAT9535)
■
16-pad TQFN (4 x 4 mm) (CAT9534),24-pin TQFN (4x4mm) (CAT9535)
■
pin compatible with PCA9534
8-BIT
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
VCC
WRITE pulse
READ pulse
LP
FILTER
POWER-ON
RESET
INPUT
FILTER
I2C/SMBUS
CONTROL
A0
A1
A2
SCL
SDA
VCC
VSS
NOTE: ALL I/Os ARE SET TO INPUTS AT RESET
INPUT/
OUTPUT
PORTS
Applications
■
RAID systems
■
servers
■
test equipment
■
fan control
I/O 0.0
I/O 0.1
I/O 0.2
I/O 0.3
I/O 0.4
I/O 0.5
VDD
VDD
SCL
SDA
INT
RESET
GND
SCL
SDA
A2
A1
A0
VSS
VDD
SUBSYSTEM 3
SUBSYSTEM 2
SUBSYSTEM 1
INT
V
ALARM
DD
Controlled Switch
ENABLE
2 k
A
B
INT
I/O 0.6
I/O 0.7
I/O 1.0
I/O 1.1
I/O 1.2
I/O 1.3
I/O 1.4
I/O 1.5
I/O 1.6
I/O 1.7
NUMERIC
KEYPAD
CAT9535
Timer
■
2.3V to 5.5V operation
■
-40°C to +85°C operation
■
400kHz I2C bus compatible
■
5V tolerant I/Os
■
drive LEDs by sinking 25mA current
■
active low interrupt output
■
cascadable up to 8 devices-16
devices (CAT9555)
■
high drive capability
■
individual I/O configuration
■
internal power-on reset
■
noise filter on SDA/SCL inputs
■
16-pin SOIC (CAT9554),24-pin SOIC (CAT9555)
■
16-pin TSSOP (CAT9554),24-pin TSSOP (CAT9555)
■
16-pad TQFN (4 x 4 mm) (CAT9554),24-pin TQFN
(4x4mm) (CAT9555)
■
pin compatible with PCA9554/9554A and PCA9555
Features
Package Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com