Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT1232LP Datasheet(PDF) 20 Page - Catalyst Semiconductor

Part # CAT1232LP
Description  Catalyst Semiconductor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1232LP Datasheet(HTML) 20 Page - Catalyst Semiconductor

Back Button CAT1232LP Datasheet HTML 16Page - Catalyst Semiconductor CAT1232LP Datasheet HTML 17Page - Catalyst Semiconductor CAT1232LP Datasheet HTML 18Page - Catalyst Semiconductor CAT1232LP Datasheet HTML 19Page - Catalyst Semiconductor CAT1232LP Datasheet HTML 20Page - Catalyst Semiconductor CAT1232LP Datasheet HTML 21Page - Catalyst Semiconductor CAT1232LP Datasheet HTML 22Page - Catalyst Semiconductor CAT1232LP Datasheet HTML 23Page - Catalyst Semiconductor CAT1232LP Datasheet HTML 24Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Visit our website for samples, data sheets, and additional product information.
18
ALO
GENFR
TM
LEAD FREE
Featured Products
Features
■
3.0 to 5.5 volt operation
■
16-byte page write buffer
■
100 year data retention
■
400 KHz I2C bus compatible*
■
1,000,000 program/erase cycles
CAT34RC02
2-kb I2C Serial EEPROM, Serial Presence Detect
s e r i a l e e p r o m s
Features
■
1.7 to 5.5 volt operation
■
16-byte page write buffer
■
100 year data retention
■
400 KHz I2C bus compatible*
■
1,000,000 program/erase cycles
■
hardware write protection for entire memory
■
industrial and extended temperature ranges
■
low power CMOS technology
■
permanent and reversible software write protection for
lower 128 bytes
■
schmitt trigger on SCL and SDA inputs
Package Information
■
8-pin DIP package
■
8-pin SOIC package
CAT24C208
8k (1k x 8) -Bit Dual Port Serial EEPROM for VESA Plug and Play Applications in LCD Projectors and Monitors
■
hardware write protection for entire memory
■
industrial and extended temperature ranges
■
low power CMOS technology
■
complies with VESA E-DID,E-DDC,DI-EXT and M1 specifications
Package Information
■
8-pin DIP package
■
8-pin MSOP package
■
8-pin SOIC package
■
8-pin TSSOP package
■
8-pin TSSOP package
■
8-pad TDFN (2x3 mm) package
VCC
VSS
SDA
SCL
WP
CAT34RC02
A2, A1, A0
DSP VCC
DDC VCC
ARBITRATION
LOGIC
DISPLAY
CONTROL
LOGIC
DDC
CONTROL
LOGIC
CONFIGURATION
REGISTER
D
E
C
O
D
E
R
S
D
E
C
O
D
E
R
S
1K X 8
MEMORY
ARRAY
EDID SEL
DSP SCL
DSP SDA
VSS
DDC SCL
DDC SDA
*Catalyst Semiconductor is licensed by Philips Corporation to carry the I2C Bus Protocol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com