Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER20A-E Datasheet(PDF) 14 Page - STMicroelectronics

Part # VIPER20A-E
Description  SMPS primary I.C.
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER20A-E Datasheet(HTML) 14 Page - STMicroelectronics

Back Button VIPER20A-E Datasheet HTML 10Page - STMicroelectronics VIPER20A-E Datasheet HTML 11Page - STMicroelectronics VIPER20A-E Datasheet HTML 12Page - STMicroelectronics VIPER20A-E Datasheet HTML 13Page - STMicroelectronics VIPER20A-E Datasheet HTML 14Page - STMicroelectronics VIPER20A-E Datasheet HTML 15Page - STMicroelectronics VIPER20A-E Datasheet HTML 16Page - STMicroelectronics VIPER20A-E Datasheet HTML 17Page - STMicroelectronics VIPER20A-E Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Operation description
VIPer20A-E
14/34
5.5
External clock synchronization:
The OSC pin provides a synchronisation capability when connected to an external frequency
source. Figure 21 shows one possible schematic to be adapted, depending the specific needs.
If the proposed schematic is used, the pulse duration must be kept at a low value (500ns is
sufficient) for minimizing consumption. The optocoupler must be able to provide 20mA through
the optotransistor.
5.6
Primary peak current limitation
The primary IDPEAK current and, consequently, the output power can be limited using the
simple circuit shown in Figure 22 . The circuit based on Q1, R1 and R2 clamps the voltage on
the COMP pin in order to limit the primary peak current of the device to a value:
where:
The suggested value for R1+R2 is in the range of 220KΩ.
5.7
Over-temperature protection
Over-temperature protection is based on chip temperature sensing. The minimum junction
temperature at which over-temperature cut-out occurs is 140
ºC, while the typical value is
170
ºC. The device is automatically restarted when the junction temperature decreases to the
restart temperature threshold that is typically 40
ºC below the shutdown value (see Figure 13)
IDPEAK
VCOMP 0.5
–
HID
--------------------------------
=
VCOMP 0.6
R1 R2
+
R2
-------------------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com