Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER20A-E Datasheet(PDF) 5 Page - STMicroelectronics

Part # VIPER20A-E
Description  SMPS primary I.C.
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER20A-E Datasheet(HTML) 5 Page - STMicroelectronics

  VIPER20A-E Datasheet HTML 1Page - STMicroelectronics VIPER20A-E Datasheet HTML 2Page - STMicroelectronics VIPER20A-E Datasheet HTML 3Page - STMicroelectronics VIPER20A-E Datasheet HTML 4Page - STMicroelectronics VIPER20A-E Datasheet HTML 5Page - STMicroelectronics VIPER20A-E Datasheet HTML 6Page - STMicroelectronics VIPER20A-E Datasheet HTML 7Page - STMicroelectronics VIPER20A-E Datasheet HTML 8Page - STMicroelectronics VIPER20A-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
VIPer20A-E
Electrical data
5/34
1.2
Electrical characteristics
TJ = 25°C; VDD = 13V, unless otherwise specified
Table 2.
Power section
(1) On Inductive Load, Clamped.
Table 3.
Supply section
Table 4.
Oscillator section
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
BVDS
Drain-Source Voltage
ID = 1mA; VCOMP = 0V
700
V
IDSS
Off-State Drain
Current
VCOMP = 0V; Tj = 125°C
VDS = 700V
1.0
mA
RDS(on)
Static Drain-Source
On Resistance
ID = 0.4A
ID = 0.4A; TJ= 100°C
15.5
18
32
tf
Fall Time
ID = 0.2A; VIN =300V
(1) Figure 7
100
ns
tr
Rise Time
ID = 0.4A; VIN = 300V
(1) Figure 7
50
ns
Coss
Output Capacitance
VDS = 25V
90
pF
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
IDDch
Start-Up Charging Current
VDD = 5V; VDS = 35V
Figure 6, Figure 11
-2
mA
IDD0
Operating Supply Current
VDD = 12V; FSW = 0kHz
Figure 6
12
16
mA
IDD1
Operating Supply Current
VDD = 12V; Fsw = 100kHz
13
mA
IDD2
Operating Supply Current
VDD = 12V; Fsw = 200kHz
14
mA
VDDoff
Undervoltage Shutdown
Figure 6
7.5
8
9
V
VDDon
Undervoltage Reset
Figure 6
11
12
V
VDDhyst
Hysteresis Start-up
Figure 6
2.4
3
V
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
FSW
Oscillator Frequency Total
Variation
RT=8.2KΩ; CT=2.4nF
VDD=9 to 15V;
with RT± 1%; CT± 5%
(see Figure )(see Figure 14)
90
100
110
KHz
VOSCIH
Oscillator Peak Voltage
7.1
V
VOSCIL
Oscillator Valley Voltage
3.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com