Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER20ADIP-E Datasheet(PDF) 9 Page - STMicroelectronics

Part # VIPER20ADIP-E
Description  SMPS primary I.C.
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER20ADIP-E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VIPER20ADIP-E Datasheet HTML 5Page - STMicroelectronics VIPER20ADIP-E Datasheet HTML 6Page - STMicroelectronics VIPER20ADIP-E Datasheet HTML 7Page - STMicroelectronics VIPER20ADIP-E Datasheet HTML 8Page - STMicroelectronics VIPER20ADIP-E Datasheet HTML 9Page - STMicroelectronics VIPER20ADIP-E Datasheet HTML 10Page - STMicroelectronics VIPER20ADIP-E Datasheet HTML 11Page - STMicroelectronics VIPER20ADIP-E Datasheet HTML 12Page - STMicroelectronics VIPER20ADIP-E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
VIPer20A-E
Pin description
9/34
3.5
OSC pin (oscillator frequency):
An Rt-Ct network must be connected on that to define the switching frequency. Note that
despite the connection of Rt to VDD, no significant frequency change occurs for VDD varying
from 8V to 15V. It provides also a synchronisation capability, when connected to an external
frequency source.
Figure 1.
Connection diagrams (top view)
Figure 2.
Current and voltage convention
PENTAWATT HV
PENTAWATT HV (022Y)
DIP-8
PowerSO-10TM
-
+
13V
OSC
COMP SOURCE
DRAIN
VDD
VCOMP
VOSC
VDD
VDS
ICOMP
IOSC
IDD
ID
FC00020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com