Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER20ADIP-E Datasheet(PDF) 12 Page - STMicroelectronics

Part # VIPER20ADIP-E
Description  SMPS primary I.C.
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER20ADIP-E Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VIPER20ADIP-E Datasheet HTML 8Page - STMicroelectronics VIPER20ADIP-E Datasheet HTML 9Page - STMicroelectronics VIPER20ADIP-E Datasheet HTML 10Page - STMicroelectronics VIPER20ADIP-E Datasheet HTML 11Page - STMicroelectronics VIPER20ADIP-E Datasheet HTML 12Page - STMicroelectronics VIPER20ADIP-E Datasheet HTML 13Page - STMicroelectronics VIPER20ADIP-E Datasheet HTML 14Page - STMicroelectronics VIPER20ADIP-E Datasheet HTML 15Page - STMicroelectronics VIPER20ADIP-E Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Operation description
VIPer20A-E
12/34
As soon as the power goes below this limit, the auxiliary secondary voltage starts to increase
above the 13V regulation level, forcing the output voltage of the transconductance amplifier to
low state (VCOMP < VCOMPth). This situation leads to the shutdown mode where the power
switch is maintained in the Off state, resulting in missing cycles and zero duty cycle. As soon as
VDD gets back to the regulation level and the VCOMPth threshold is reached, the device operates
again. The above cycle repeats indefinitely, providing a burst mode of which the effective duty
cycle is much lower than the minimum one when in normal operation. The equivalent switching
frequency is also lower than the normal one, leading to a reduced consumption on the input
main supply lines. This mode of operation allows the VIPer20A-E to meet the new German
"Blue Angel" Norm with less than 1W total power consumption for the system when working in
stand-by mode. The output voltage remains regulated around the normal level, with a low
frequency ripple corresponding to the burst mode. The amplitude of this ripple is low, because
of the output capacitors and low output current drawn in such conditions.The normal operation
resumes automatically when the power gets back to higher levels than PSTBY.
5.3
High voltage start-up current suorce
An integrated high voltage current source provides a bias current from the DRAIN pin during
the start-up phase. This current is partially absorbed by internal control circuits which are
placed into a standby mode with reduced consumption and also provided to the external
capacitor connected to the VDD pin. As soon as the voltage on this pin reaches the high voltage
threshold VDDon of the UVLO logic, the device becomes active mode and starts switching. The
start-up current generator is switched off, and the converter should normally provide the
needed current on the VDD pin through the auxiliary winding of the transformer, as shown on
(see Figure 11).
In case there are abnormal conditions where the auxiliary winding is unable to provide the low
voltage supply current to the VDD pin (i.e. short circuit on the output of the converter), the
external capacitor discharges to the low threshold voltage VDDoff of the UVLO logic, and the
device goes back to the inactive state where the internal circuits are in standby mode and the
start-up current source is activated. The converter enters a endless start-up cycle, with a start-
up duty cycle defined by the ratio of charging current towards discharging when the VIPer20-E
tries to start. This ratio is fixed by design to 2A to 15A, which gives a 12% start-up duty cycle
while the power dissipation at start-up is approximately 0.6W, for a 230Vrms input voltage.
This low value start-up duty cycle prevents the application of stress to the output rectifiers as
well as the transformer when a short circuit occurs.
The external capacitor CVDD on the VDD pin must be sized according to the time needed by the
converter to start up, when the device starts switching. This time tSS depends on many
parameters, among which transformer design, output capacitors, soft start feature, and
compensation network implemented on the COMP pin. The following formula can be used for
defining the minimum capacitor needed:
where:
IDD is the consumption current on the VDD pin when switching. Refer to specified IDD1 and IDD2
values.
tSS is the start up time of the converter when the device begins to switch. Worst case is
generally at full load.
VDDhyst is the voltage hysteresis of the UVLO logic (refer to the minimum specified value).
CVDD
I
DD
tSS
VDDhyst
--------------------
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com