Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SC6404RT Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT90SC6404RT
Description  Security Target Lite
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SC6404RT Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT90SC6404RT Datasheet HTML 9Page - ATMEL Corporation AT90SC6404RT Datasheet HTML 10Page - ATMEL Corporation AT90SC6404RT Datasheet HTML 11Page - ATMEL Corporation AT90SC6404RT Datasheet HTML 12Page - ATMEL Corporation AT90SC6404RT Datasheet HTML 13Page - ATMEL Corporation AT90SC6404RT Datasheet HTML 14Page - ATMEL Corporation AT90SC6404RT Datasheet HTML 15Page - ATMEL Corporation AT90SC6404RT Datasheet HTML 16Page - ATMEL Corporation AT90SC6404RT Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
TPG0053A (24 Nov 04)
General Business Use
13 of 64
Section 2
Target of Evaluation Description
21
This part of the Security Target Lite [ST_Lite] describes the Target of Evaluation (TOE)
as an aid to the understanding of its security requirements and address the product
type, the intended usage and the general features of the TOE.
2.1
Product Type
22
The TOE is the single chip microcontroller unit to be used in a smartcard product,
independent of the physical interface and the way it is packaged. Specifically, the TOE
is the AT90SC6404RT device from the AVR ASL4 family of smartcard devices.
Generally, a smartcard product may include other optional elements (such as specific
hardware components, batteries, capacitors, antennae) but these are not in the scope
of this Security Target Lite.
23
The devices in the AVR ASL4 family are based on ATMEL's AVR RISC family of
single-chip microcontroller devices. The AVR RISC family, with designed-in security
features, is based on the industry-standard AVR RISC low-power HCMOS core and
gives access to the powerful instruction set of this widely used device. Different AVR
ASL4 family members offer various options. The AVR ASL4 family of devices are
designed in accordance with the ISO standard for integrated circuit cards (ISO 7816),
where appropriate.
24
Although the TOE evaluation is hardware only, the TOE requires embedded software
to test the device and demonstrate certain security characteristics during the
development phase. In the end-usage phase there will be no embedded test software
in the TOE. Test software will be downloaded into the device EEPROM and be fully
erased before devices leave the test environment. This test software is only used for
the testing phase of the TOE life cycle and is outwith the scope of the evaluation. Test
mode is disabled by wafer saw.
25
The TOE widely uses ATMEL high density non volatile memories: it features 64K bytes
of AVR ROM program memory, 4K bytes of EEPROM program/data memory, 2K bytes
of static RAM memory.
26
The EEPROM includes 64 bytes of One Time Programmable (OTP) memory (32 bytes
are byte-addressable; 32 bytes are bit-addressable) and a 192-byte bit-addressable
area.
27
The EEPROM contains both ATMEL and customer specific data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com