Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SC6404RT Datasheet(PDF) 32 Page - ATMEL Corporation

Part # AT90SC6404RT
Description  Security Target Lite
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SC6404RT Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button AT90SC6404RT Datasheet HTML 28Page - ATMEL Corporation AT90SC6404RT Datasheet HTML 29Page - ATMEL Corporation AT90SC6404RT Datasheet HTML 30Page - ATMEL Corporation AT90SC6404RT Datasheet HTML 31Page - ATMEL Corporation AT90SC6404RT Datasheet HTML 32Page - ATMEL Corporation AT90SC6404RT Datasheet HTML 33Page - ATMEL Corporation AT90SC6404RT Datasheet HTML 34Page - ATMEL Corporation AT90SC6404RT Datasheet HTML 35Page - ATMEL Corporation AT90SC6404RT Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 65 page
background image
AT90SC6404RT Security Target Lite
32 of 64
General Business Use
TPG0053A (24 Nov 04)
O.CLON
The TOE functionality needs to be protected from
cloning.
The TOE must include means to prevent an attacker from
reproducing the smartcard functionality. Most of these
techniques require a prior reverse engineering of parts of
the device to understand its architecture and its security
functions.
O.OPERATE
The TOE must ensure the continued correct operation
of its security functions.
The TOE must include protection against the use of stolen
silicon samples or products that would ease an attacker
gaining fraudulous access to the smartcard system.
The TOE must also provide mechanisms to avoid the
unauthorized modification of the security functions or
software and data, by using the device test commands for
instance, or by using uncontrolled/unauthentified software
access to memories.
The TOE must prevent its operation outside the normal
operating conditions where reliability and secure operation
has not been proven or tested. This is to prevent errors. The
environmental conditions may include voltage, clock
frequency, temperature, or external energy fields
O.FLAW
The TOE must not contain flaws in design,
implementation or operation.
The TOE design must include protection against
modification of its security mechanisms (for example
detectors or memory protections) that would lead to bypass
or reduce their integrity, and therefore open security holes
that could be used to access embedded software and data.
The TOE design must also provide protection against
modification of its embedded software that would lead to
bypass or reduce the integrity of some software controlled
security mechanisms (for example memory areas
definition), and therefore open security holes that could be
used to access embedded software and data.
O.DIS_MECHANISM
The TOE shall ensure that the hardware security
mechanisms are protected against unauthorized
disclosure.
The TOE must be designed and fabricated so that it requires
a high combination of complex equipment, knowledge, skill
and time to derive detailed designed information or other
information which could be used to compromise security
through physical attacks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com