Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFC520 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFC520
Description  NPN wideband cascode transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFC520 Datasheet(HTML) 2 Page - NXP Semiconductors

  BFC520 Datasheet HTML 1Page - NXP Semiconductors BFC520 Datasheet HTML 2Page - NXP Semiconductors BFC520 Datasheet HTML 3Page - NXP Semiconductors BFC520 Datasheet HTML 4Page - NXP Semiconductors BFC520 Datasheet HTML 5Page - NXP Semiconductors BFC520 Datasheet HTML 6Page - NXP Semiconductors BFC520 Datasheet HTML 7Page - NXP Semiconductors BFC520 Datasheet HTML 8Page - NXP Semiconductors BFC520 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1997 Sep 10
2
Philips Semiconductors
Product specification
NPN wideband cascode transistor
BFC520
FEATURES
• Small size
• High power gain at low bias current and high
frequencies
• High reverse isolation
• Low noise figure
• Gold metallization ensures excellent reliability
• Minimum operating voltage VC2−E1 =1V.
APPLICATIONS
• Low noise, high gain amplifiers
• Oscillator buffer amplifiers
• Wideband voltage-to-current converters.
DESCRIPTION
Cascode amplifier with two discrete dies in a surface
mount, 5-pin SOT353 (S-mini) package. The amplifier is
primarily intended for low power RF communications
equipment, such as pagers and cordless phones and has
a very low feedback capacitance resulting in high isolation.
PINNING - SOT353
SYMBOL
PIN
DESCRIPTION
b2
1
base 2
e1
2
emitter 1
b1
3
base 1
c1/e2
4
collector 1/emitter 2
c2
5
collector 2
Fig.1 Simplified outline and symbol.
handbook, halfpage
3
1
4
5
2
Top view
MAM212
c2
b2
c1/e2
b1
e1
QUICK REFERENCE DATA
VC2−E1 = 3 V; IC = 20 mA; VB2 = 2.1 V; b2 connected to ground via 1 nF (0603) capacitor, e1 connected directly to
ground.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Cre
feedback capacitance CB1−C2
−−
10
fF
maximum isolation
f = 900 MHz; Tamb =25 °C
−−63
−
dB
f = 2 GHz; Tamb =25 °C
−−38
−
dB
MSG
maximum stable power gain
(narrowband)
f = 900 MHz; Tamb =25 °C
−
31
−
dB
f = 2 GHz; Tamb =25 °C
−
19
−
dB
F
noise figure
IC = 5 mA; f = 900 MHz; ΓS = Γopt
−
1.3
1.6
dB
Rth j-s
thermal resistance from
junction to soldering point
single loaded
−−
230
K/W
double loaded
−−
115
K/W
s
21 s12
⁄
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com