Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFC520 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BFC520
Description  NPN wideband cascode transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFC520 Datasheet(HTML) 4 Page - NXP Semiconductors

  BFC520 Datasheet HTML 1Page - NXP Semiconductors BFC520 Datasheet HTML 2Page - NXP Semiconductors BFC520 Datasheet HTML 3Page - NXP Semiconductors BFC520 Datasheet HTML 4Page - NXP Semiconductors BFC520 Datasheet HTML 5Page - NXP Semiconductors BFC520 Datasheet HTML 6Page - NXP Semiconductors BFC520 Datasheet HTML 7Page - NXP Semiconductors BFC520 Datasheet HTML 8Page - NXP Semiconductors BFC520 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1997 Sep 10
4
Philips Semiconductors
Product specification
NPN wideband cascode transistor
BFC520
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Notes
1. MSG =
2. Maximum isolation is defined as the isolation when S21 of the amplifier is reduced to unity (buffer application).
3. IC =5 mA; VCE = 3 V; RS =50 Ω; ZL = opt; Tamb =25 °C;
fp = 900 MHz; fq = 902 MHz; measured at f(2p−q) = 904 MHz.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
DC characteristics of any single transistor
V(BR)CBO
collector-base breakdown voltage
IC = 2.5 µA; IE =0
20
−−
V
V(BR)CEO
collector-emitter breakdown voltage IC =10 µA; IB =0
8
−−
V
V(BR)EBO
emitter-base breakdown voltage
IE = 2.5 µA; IC = 0
2.5
−−
V
ICBO
collector-base leakage current
IE = 0; VCB =6V
−−
50
nA
hFE
DC current gain
IC = 20 mA; VCE = 6 V
60
120
250
AC characteristics of the cascode configuration
fT
transition frequency
IC = 20 mA; VC2-E1 =3V;
f = 1 GHz
−
7
−
GHz
Cc
collector capacitance T2
IE =ie = 0; VC2-B2 =1V;
f = 1 MHz
−
0.55
−
pF
Cre2
feedback capacitance T2
IC = 0; VC2-E1 =3V;f=1MHz
−
500
−
fF
Cre
feedback capacitance
IC = 0; VC2-E1 =3V;f=1MHz
−−
10
fF
MSG
maximum stable power gain; note 1 IC = 20 mA; VC2-E1 =3V;
f = 900 MHz; Tamb =25 °C
−
31
−
dB
IC = 20 mA; VC2-E1 =3V;
f = 2 GHz; Tamb =25 °C
−
19
−
dB
insertion power gain
IC = 20 mA; VC2-E1 =3V;
f = 900 MHz; Tamb =25 °C
−
17
−
dB
IC = 20 mA; VC2-E1 =3V;
f = 2 GHz; Tamb =25 °C
−
13
−
dB
maximum isolation; note 2
f = 900 MHz
−
63
−
dB
f = 2 GHz
−
38
−
dB
F
noise figure
IC = 5 mA; VC2-E1 =3V;
f = 900 MHz;
ΓS = Γopt
−
1.3
1.6
dB
IP3
third order intercept point (input)
note 3
−−18
−
dBm
s
21
2
s
21 s12
⁄
2
s
12 s21
⁄
kk
2
1
–
–


×
k
1s
11
s
22
×
s
12
s
21
×
–
2
s
11
2
s
22
2
–


–
+
2s
12
s
21
×
×
-----------------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com