Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFE520 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFE520
Description  NPN wideband differential transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFE520 Datasheet(HTML) 2 Page - NXP Semiconductors

  BFE520 Datasheet HTML 1Page - NXP Semiconductors BFE520 Datasheet HTML 2Page - NXP Semiconductors BFE520 Datasheet HTML 3Page - NXP Semiconductors BFE520 Datasheet HTML 4Page - NXP Semiconductors BFE520 Datasheet HTML 5Page - NXP Semiconductors BFE520 Datasheet HTML 6Page - NXP Semiconductors BFE520 Datasheet HTML 7Page - NXP Semiconductors BFE520 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1996 Oct 08
2
Philips Semiconductors
Product specification
NPN wideband differential transistor
BFE520
FEATURES
• Small size
• High power gain at low bias current and voltage
• Temperature matched
• Balanced configuration
• hFE matched
• Continues to operate at VCE <1V.
APPLICATIONS
• Single balanced mixers
• Balanced amplifiers
• Balanced oscillators.
DESCRIPTION
Emitter coupled dual NPN silicon RF transistor in a surface
mount 5-pin SOT353 (S-mini) package. The transistor is
primarily intended for applications in the RF front end as a
balanced mixer, a differential amplifier in analog and digital
cellular phones, and in cordless phones, pagers and
satellite TV-tuners.
PINNING - SOT353B
PIN
SYMBOL
DESCRIPTION
b1
1
base 1
e
2
emitter
b2
3
base 2
c2
4
collector 2
c1
5
collector 1
handbook, halfpage
1
3
5
4
2
Top view
MAM211
c1
c2
e
b1
b2
Fig.1 Simplified outline and symbol.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Any single transistor
Cre
feedback capacitance CBC
Ie = 0; VCB = 3 V; f = 1 MHz
−
0.35
0.4
pF
MSG/Gmax
maximum power gain
IC = 20 mA; VCE = 3 V; f = 900 MHz
−
16
−
dB
IC = 20 mA; VCE = 3 V; f = 2 GHz
−
9
−
dB
F
noise figure
IC = 5 mA; VCE = 3 V; f = 900 MHz;
ΓS = Γopt
−
1.1
1.6
dB
IC = 5 mA; VCE = 3 V; f = 2 GHz;
ΓS = Γopt
−
1.9
−
dB
hFE
DC current gain
IC = 20 mA; VCE = 3 V
60
120
250
Rth j-s
thermal resistance from
junction to soldering point
single loaded
−−
230
K/W
double loaded
−−
115
K/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com