Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFE520 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BFE520
Description  NPN wideband differential transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFE520 Datasheet(HTML) 4 Page - NXP Semiconductors

  BFE520 Datasheet HTML 1Page - NXP Semiconductors BFE520 Datasheet HTML 2Page - NXP Semiconductors BFE520 Datasheet HTML 3Page - NXP Semiconductors BFE520 Datasheet HTML 4Page - NXP Semiconductors BFE520 Datasheet HTML 5Page - NXP Semiconductors BFE520 Datasheet HTML 6Page - NXP Semiconductors BFE520 Datasheet HTML 7Page - NXP Semiconductors BFE520 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1996 Oct 08
4
Philips Semiconductors
Product specification
NPN wideband differential transistor
BFE520
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Note
1. Maximum gain of the differential amplifier is higher because of internal emitter connection (see Fig.2).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
DC characteristics of any single transistor
V(BR)CBO
collector-base breakdown voltage
IC = 2.5 µA; IE =0
20
−−
V
V(BR)CEO
collector-emitter breakdown voltage IC =10 µA; IB =0
8
−−
V
V(BR)EBO
emitter-base breakdown voltage
IE = 2.5 µA; IC = 0
2.5
−−
V
ICBO
collector-base leakage current
IE = 0; VCB =6V
−−
50
nA
hFE
DC current gain
IC = 20 mA; VCE = 6 V
60
120
250
DC characteristics of the dual transistor
∆hFE
ratio of highest and lowest DC
current gain
IC1 =IC2 =20mA;
VCE1 =VCE2 =6V
1
1.2
−
∆V
BEO
difference between highest and
lowest base-emitter voltage
(offset voltage)
IE1 =IE2 = 30 mA; Tamb =25 °C0
1
−
mV
AC characteristics of any single transistor
fT
transition frequency
IC = 20 mA; VCE =3V;
f = 1 GHz
−
9
−
GHz
Cc
collector capacitance
IE =ie = 0; VCB = 3 V; f = 1 MHz −
0.4
0.45
pF
Cre
feedback capacitance
IC = 0; VCB =3V;f=1MHz
−
0.35
0.4
pF
MSG/Gmax
maximum power gain; note 1
IC = 20 mA; VCE =3V;
f = 900 MHz; Tamb =25 °C
−
16
−
dB
IC = 20 mA; VCE =3V;
f = 2 GHz; Tamb =25 °C
−
9
−
dB
insertion power gain
IC = 20 mA; VCE =3V;
f = 900 MHz; Tamb =25 °C
13
14
−
dB
F
noise figure
IC = 5 mA; VCE =3V;
f = 900 MHz;
ΓS = Γopt
−
1.1
1.6
dB
IC = 5 mA; VCE =3V;
f = 2 GHz;
ΓS = Γopt
−
1.9
−
dB
s
21
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com