Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCL Datasheet(PDF) 16 Page - Exxelia Group

Part # TCL
Description  High Voltage Varnished Leaded Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

TCL Datasheet(HTML) 16 Page - Exxelia Group

Back Button TCL Datasheet HTML 10Page - Exxelia Group TCL Datasheet HTML 11Page - Exxelia Group TCL Datasheet HTML 12Page - Exxelia Group TCL Datasheet HTML 13Page - Exxelia Group TCL Datasheet HTML 14Page - Exxelia Group TCL Datasheet HTML 15Page - Exxelia Group TCL Datasheet HTML 16Page - Exxelia Group TCL Datasheet HTML 17Page - Exxelia Group TCL Datasheet HTML 18Page - Exxelia Group  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
CERAMIC CAPACITORS
15
www.exxelia.com
Page revised 02/21
General characteristics
RELIABILITY LEVELS
Exxelia proposes different reliability levels for the ceramic capacitors for both
NPO and X7R ceramics.
CECC
EXXELIA TECHNOLOGIES chips capacitors are
qualified according to CECC32101-801
100% electrical and visual control
• Voltage proof
• Insulation Resistance
• Capacitance value
• Dissipation factor
IN PROCESS control
According ESCC n°3009/3001
Documentation: according ESCC n°3009/3001
Chart F2
According ESCC n°3009/3001
Rapid Change of
Temperature
5 cycles
–55°C +125°C
Damp Heat
85°C • 85 % RH
240 h • 1.5 V
On 40 parts
Standard
T6
Only for
rated voltage <500V
F
T5
CoC
Standard
CoC
T6
CoC
F
CoC
T5
ESA ESCC
EXXELIA TECHNOLOGIES chips capacitors are qualified (QPL)
according to ESCC n°3009 (chips) and ESCC n°3001 (leaded)
Level FM
Rapid Change of Temperature
10 cycles –55°C +125°C
Burn-in (100% control)
168 h, 125°C, 1.5 Un
Solderability Test
On 10 parts
Chart F3
According ESCC n°3009/3001
User Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com